Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG25H120F2D7 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STG25H120F2D7
Description  1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG25H120F2D7 Datasheet(HTML) 2 Page - STMicroelectronics

  STG25H120F2D7 Datasheet HTML 1Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 2Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 3Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 4Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 5Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 6Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 7Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 8Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Contents
STG25H120F2D7
2/10
DocID027364 Rev 1
Contents
1
Mechanical parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Chip layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4
Additional information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4.1
Additional testing and screening . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4.2
Shipping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4.3
Handling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
4.4
Wafer/die storage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
5
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com