Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STG25H120F2D7 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STG25H120F2D7
Description  1200 V, 25 A trench gate field-stop H series IGBT die in D7 packing
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG25H120F2D7 Datasheet(HTML) 4 Page - STMicroelectronics

  STG25H120F2D7 Datasheet HTML 1Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 2Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 3Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 4Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 5Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 6Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 7Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 8Page - STMicroelectronics STG25H120F2D7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Electrical ratings
STG25H120F2D7
4/10
DocID027364 Rev 1
2
Electrical ratings
Table 3. Absolute maximum ratings (TJ = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VCES
Collector-emitter voltage (VGE = 0)
1200
V
VGE
Gate-emitter voltage
±20
V
IC
Continuous collector current limited by TJmax
25(1)
1.
Depending on thermal properties of assembly
.
A
ICP
(1)(2)
2.
Pulse width limited by maximum junction temperature.
Pulsed collector current, Tp limited by TJmax
75
A
tSC
(3)
3.
Not tested at chip level, verified by design/characterization.
Short circuit with stand time
VCC= 600 V,VGE= 15 V, TJstart ≤ 150°C
5µs
Tj
Operating junction temperature
- 55 to 175
°C
Table 4. Static characteristics (tested on wafer unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBR(CES)
Collector-emitter
breakdown voltage
IC = 1 mA, VGE = 0 V
1200
V
VCE(sat)
Collector-emitter
saturation voltage
VGE = 25 V, IC= 15 A
2.6
V
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 500µA
5
6
7
V
IGES
Gate-emitter leakage
current
VGE = ± 20V, VCE = 0 V
± 250
nA
ICES
Collector cut-off current
VCE = 1200 V, VGE= 0
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com