Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STWA30N65DM6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWA30N65DM6AG
Description  Automotive-grade N-channel 650 V, 90 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWA30N65DM6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STWA30N65DM6AG Datasheet HTML 1Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 2Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 3Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 4Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 5Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 6Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 7Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 8Page - STMicroelectronics STWA30N65DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
STWA30N65DM6AG
650 V
110 mΩ
28 A
•
AEC-Q101 qualified
•
Fast-recovery body diode
•
Lower RDS(on) per area vs previous generation
•
Low gate charge, input capacitance and resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high-voltage N-channel Power MOSFET is part of the MDmesh DM6 fast-
recovery diode series. Compared with the previous MDmesh fast generation, DM6
combines very low recovery charge (Qrr), recovery time (trr) and excellent
improvement in RDS(on) per area with one of the most effective switching behaviors
available in the market for the most demanding high-efficiency bridge topologies and
ZVS phase-shift converters.
Product status link
STWA30N65DM6AG
Product summary
Order code
STWA30N65DM6AG
Marking
30N65DM6
Package
TO-247 long leads
Packing
Tube
Automotive-grade N-channel 650 V, 90 mΩ typ., 28 A MDmesh DM6
Power MOSFET in a TO-247 long leads package
STWA30N65DM6AG
Datasheet
DS13232 - Rev 1 - January 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWA30N65DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
logo
ZIEHL industrie-elektro...
STWA3D ZIEHL-STWA3D Datasheet
297Kb / 1P
Current Transformer STWA3D for use with RCM1000V
STWA3D125 ZIEHL-STWA3D125 Datasheet
297Kb / 1P
Current Transformer STWA3D for use with RCM1000V
STWA3D20 ZIEHL-STWA3D20 Datasheet
297Kb / 1P
Current Transformer STWA3D for use with RCM1000V
More results

Similar Description - STWA30N65DM6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA70N65DM6 STMICROELECTRONICS-STWA70N65DM6 Datasheet
949Kb / 12P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
02-Jul-2020
STWA32N65DM6AG STMICROELECTRONICS-STWA32N65DM6AG Datasheet
255Kb / 12P
Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
10-Aug-2021
STWA38N65DM6AG STMICROELECTRONICS-STWA38N65DM6AG Datasheet
259Kb / 12P
Automotive-grade N-channel 650 V, 68 m typ., 42 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
16-Jul-2021
STWA46N65DM6AG STMICROELECTRONICS-STWA46N65DM6AG Datasheet
260Kb / 12P
Automotive-grade N-channel 650 V, 55 mΩ typ., 50 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
04-Aug-2021
STWA68N65DM6AG STMICROELECTRONICS-STWA68N65DM6AG Datasheet
275Kb / 12P
Automotive-grade N-channel 650 V, 33 m typ., 72 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
27-Jul-2020
STP30N65DM6AG STMICROELECTRONICS-STP30N65DM6AG Datasheet
235Kb / 12P
Automotive-grade N-channel 650 V, 102 mΩ typ., 28 A MDmesh DM6 Power MOSFET in a TO-220 package
09-Jun-2021
STWA68N65DM6 STMICROELECTRONICS-STWA68N65DM6 Datasheet
258Kb / 12P
N-channel 650 V, 51 m typ., 55 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
19-May-2021
STWA72N60DM6AG STMICROELECTRONICS-STWA72N60DM6AG Datasheet
279Kb / 12P
Automotive-grade N-channel 600 V, 37 m typ., 56 A, MDmesh DM6 Power MOSFET in a TO‑247 long leads package
20-May-2021
STWA75N65DM6 STMICROELECTRONICS-STWA75N65DM6 Datasheet
253Kb / 12P
N-channel 650 V, 33 m typ., 75 A MDmesh DM6 Power MOSFET in a TO-247 long leads package
24-Sep-2021
STW70N65DM6 STMICROELECTRONICS-STW70N65DM6 Datasheet
528Kb / 15P
N-channel 650 V, 36 mΩ typ., 68 A MDmesh™ DM6 Power MOSFETs in TO-247 and TO-247 long leads packages
09-Jul-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com