Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804549 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 0804549
Description  DFK-PC 5/ 2-ST-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 0804549 Datasheet HTML 4Page - PHOENIX CONTACT 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT 0804549 Datasheet HTML 7Page - PHOENIX CONTACT 0804549 Datasheet HTML 8Page - PHOENIX CONTACT 0804549 Datasheet HTML 9Page - PHOENIX CONTACT 0804549 Datasheet HTML 10Page - PHOENIX CONTACT 0804549 Datasheet HTML 11Page - PHOENIX CONTACT 0804549 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1716506 DFK-PC 5/ 2-ST-7,62
REF 1716506
PHOENIX CONTACT
8 / 13
2017-09-04
Product version 05
Document revision 0
10
Mechanical tests
Mechanical test group A
Specification
IEC 61984:2008-10
Visual test
Test passed
Specification
IEC 60512-1-1:2002-02
Dimensional test
Test passed
Specification
IEC 60512-1-2:2002-02
Resistance of marking
Test passed
Specification
IEC 60068-2-70:1995-12
Insertion and withdrawal force
Test passed
Specification
IEC 60512-13-2:2006-02
No. of cycles
50
Insertion strength per pos. approx.
6 N
Withdraw strength per pos. approx.
4 N
Polarization and coding
Test passed
Specification
IEC 60512-13-5:2006-02
Test force
20 N
Contact retention in insert
Specification
Test force per pos.
Specification
IEC 60999-1:1999-11
Conductor connection
Test passed
Repeated connection and disconnection
Test passed
Check for damage to conductor or loosening
Test passed
10.1
Termination and connection method
Termination and connection method: pull-out test
Specification
IEC 60999-1:1999-11
Result
Test passed
Conductor cross section/conductor type/tractive force actual value
0.2 mm² / solid / > 10 N
Conductor cross section/conductor type/tractive force actual value
0.2 mm² / stranded / > 10 N
Conductor cross section/conductor type/tractive force actual value
6 mm² / solid / > 80 N
Conductor cross section/conductor type/tractive force actual value
Conductor cross section/conductor type/tractive force actual value
AWG 10 / stranded / > 80 N
10.2
Pull-out test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com