Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0804549 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 0804549
Description  DFK-PC 5/ 2-ST-7,62
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804549 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 0804549 Datasheet HTML 5Page - PHOENIX CONTACT 0804549 Datasheet HTML 6Page - PHOENIX CONTACT 0804549 Datasheet HTML 7Page - PHOENIX CONTACT 0804549 Datasheet HTML 8Page - PHOENIX CONTACT 0804549 Datasheet HTML 9Page - PHOENIX CONTACT 0804549 Datasheet HTML 10Page - PHOENIX CONTACT 0804549 Datasheet HTML 11Page - PHOENIX CONTACT 0804549 Datasheet HTML 12Page - PHOENIX CONTACT 0804549 Datasheet HTML 13Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1716506 DFK-PC 5/ 2-ST-7,62
REF 1716506
PHOENIX CONTACT
9 / 13
2017-09-04
Product version 05
Document revision 0
11
Electrical tests
Rated current / conductor cross section
41 A / 6 mm²
Rated insulation voltage (III/2)
1000 V
Rated surge voltage (III/2)
8 kV
Contact resistance
0.5 mΩ
Degree of pollution
2
11.1
Electrical data
Component
Plug component
Specification
IEC 60664-1:2007-04
Mains type
unearthed mains
Insulating material group
I
Comparative tracking index (IEC 60112:2003-01)
CTI 600
Rated insulation voltage
1000 V
1000 V
1000 V
Rated surge voltage
8 kV
8 kV
6 kV
Degree of pollution
3
2
2
Overvoltage category
III
III
II
Minimum clearance case A (inhomogeneous field)
8 mm
8 mm
5.5 mm
Minimum value of the creepage path requirement in acc. with table
8 mm
8 mm
5.5 mm
11.2
Air and creepage distances
Specification
IEC 60999-1:1999-11
Result
Test passed
Voltage drop
Voltage drop (U) after the load ≤ 15 mV
Test current (minimum cross section)
5 A DC
Test current (maximum cross section)
32 A DC
Conductor cross section, flexible
0.2 mm² to 6 mm²
Conductor cross section, solid
0.2 mm² to 10 mm²
11.3
Electrical function
Specification
IEC 60999-1:1999-11
Result
Test passed
Voltage drop
Voltage drop (U) after the load ≤ 22.5 mV or 1.5 x U
after 24 h
The small value is to be used.
Test current (minimum cross section)
5 A DC
Test current (maximum cross section)
32 A DC
Temperature cycles
192
Conductor cross section, flexible
0.2 mm² to 6 mm²
Conductor cross section, solid
0.2 mm² to 10 mm²
11.4
Temperature cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com