Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6P35AFE Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # SSM6P35AFE
Description  Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P35AFE Datasheet(HTML) 4 Page - Toshiba Semiconductor

  SSM6P35AFE Datasheet HTML 1Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 2Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 3Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 4Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 5Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 6Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 7Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SSM6P35AFE
4
5.4.
5.4.
5.4.
5.4. Source-Drain Characteristics
Source-Drain Characteristics
Source-Drain Characteristics
Source-Drain Characteristics
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
)(Q1, Q2 Common)
)(Q1, Q2 Common)
)(Q1, Q2 Common)
)(Q1, Q2 Common)
Characteristics
Diode forward voltage
(Note 1)
Symbol
VDSF
Test Condition
ID = 100 mA, VGS = 0 V
Min
Typ.
0.83
Max
1.2
Unit
V
Note 1: Pulse measurement.
6.
6.
6.
6. Marking
Marking
Marking
Marking
2017-06-22
Rev.2.0
©2017 Toshiba Corporation



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com