Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM6P35AFE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # SSM6P35AFE
Description  Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

SSM6P35AFE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  SSM6P35AFE Datasheet HTML 1Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 2Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 3Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 4Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 5Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 6Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 7Page - Toshiba Semiconductor SSM6P35AFE Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SSM6P35AFE
1
MOSFETs Silicon P-Channel MOS
SSM6P35AFE
SSM6P35AFE
SSM6P35AFE
SSM6P35AFE
Start of commercial production
2017-07
1.
1.
1.
1. Applications
Applications
Applications
Applications
•
Analog Switches
2.
2.
2.
2. Features
Features
Features
Features
(1)
1.2 V drive
(2)
ESD(HBM) level 2 kV
(3)
Low drain-source on-resistance
: RDS(ON) = 3.2 Ω (typ.) (@VGS = -1.2 V)
RDS(ON) = 2.3 Ω (typ.) (@VGS = -1.5 V)
RDS(ON) = 2.0 Ω (typ.) (@VGS = -1.8 V)
RDS(ON) = 1.5 Ω (typ.) (@VGS = -2.5 V)
RDS(ON) = 1.1 Ω (typ.) (@VGS = -4.5 V)
3.
3.
3.
3. Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
Packaging and Internal Circuit
ES6
1: Source 1
2: Gate 1
3: Drain 2
4: Source 2
5: Gate 2
6: Drain 1
2017-06-22
Rev.2.0
©2017 Toshiba Corporation


Similar Part No. - SSM6P35AFE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM6P35AFE TOSHIBA-SSM6P35AFE Datasheet
217Kb / 8P
MOSFETs Silicon P-Channel MOS
2021-02-01 Rev.3.0
SSM6P35AFE TOSHIBA-SSM6P35AFE_V01 Datasheet
217Kb / 8P
MOSFETs Silicon P-Channel MOS
2021-02-01 Rev.3.0
More results

Similar Description - SSM6P35AFE

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN4066B PANASONIC-MN4066B Datasheet
88Kb / 3P
Quad Analog Switches
logo
Maxim Integrated Produc...
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Analog Devices
AD7510DI AD-AD7510DI Datasheet
2Mb / 8P
Protected Analog Switches
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
CMOS Analog Switches
22-Jan-01
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
CMOS Analog Switches
Rev 1; 5/04
logo
Vishay Siliconix
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
CMOS Analog Switches
28-Feb-11
logo
Intersil Corporation
HI1-5042-2 INTERSIL-HI1-5042-2 Datasheet
494Kb / 12P
CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
CMOS Analog Switches
11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
CMOS Analog Switches
16-Jul-01
logo
Toshiba Semiconductor
SSM6P35AFU TOSHIBA-SSM6P35AFU Datasheet
229Kb / 8P
Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com