Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ09312B Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MMZ09312B
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMZ09312B Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MMZ09312B Datasheet HTML 16Page - NXP Semiconductors MMZ09312B Datasheet HTML 17Page - NXP Semiconductors MMZ09312B Datasheet HTML 18Page - NXP Semiconductors MMZ09312B Datasheet HTML 19Page - NXP Semiconductors MMZ09312B Datasheet HTML 20Page - NXP Semiconductors MMZ09312B Datasheet HTML 21Page - NXP Semiconductors MMZ09312B Datasheet HTML 22Page - NXP Semiconductors MMZ09312B Datasheet HTML 23Page - NXP Semiconductors MMZ09312B Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
RF Device Data
Freescale Semiconductor, Inc.
MMZ09312BT1
Figure 38. MMZ09312B Test Circuit Component Layout — ZigBee, 450 MHz, 5.0 V
(1) VBIAS [Board] supplies VBA1,VBA2 and VBIAS [Device].
Note: Component numbers C6*, C7*, C8*, C9* and R3* are labeled on board but not placed.
QFN 3x3--12M
Rev. 1
L1
RFIN
RFOUT
L2
C5
C4
R1
R2
C1
C2
L4
L3
C10
L5
C11
C3
R3*
C8*
C9*
C6*
C7*
Table 11. MMZ09312B Test Circuit Component Designations and Values — ZigBee, 450 MHz, 5.0 V
Part
Description
Part Number
Manufacturer
C1, C2
1 F Chip Capacitors
GRM155R61A105KE15
Murata
C3
4.7 F Chip Capacitor
GRM188R60J475KE19
Murata
C4
470 pF Chip Capacitor
GRM1555C1H471JA01
Murata
C5
100 pF Chip Capacitor
GRM1555C1H101JA01
Murata
C6, C7, C8, C9
Components Not Placed
C10
3.9 pF Chip Capacitor
04023J3R9BBSTR
AVX
C11
10 pF Chip Capacitor
04023J10R0BBSTR
AVX
L1
18 nH Chip Inductor
LL1608--FSL18N0S
TOKO
L2
1.2 nH Chip Inductor
LL1608--FSL1N2S
TOKO
L3
3.9 nH Chip Inductor
LL1608--FSL3N9S
TOKO
L4
12 nH Chip Inductor
LL1608--FSL12N0S
TOKO
L5
12 nH Chip Inductor
0603CS--12NXJL
Coilcraft
R1
330 , 1/16 W Chip Resistor
RC0402JR--07331RL
Yageo
R2
1.5 k, 1/16 W Chip Resistor
RC0402JR--07152RL
Yageo
R3
Component Not Placed
PCB
0.014, r =3.7
FR408
Isola
(Test Circuit Component Designations and Values table repeated for reference.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com