Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8777HL/33/C1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8777HL/33/C1
Description  Triple 10-bit video DAC, up to 330 MHz sample frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8777HL/33/C1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8777HL/33/C1 Datasheet HTML 6Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 7Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 8Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 9Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TDA8777_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 03 — 15 August 2005
10 of 18
Philips Semiconductors
TDA8777
Triple 10-bit video DAC, up to 330 MHz sample frequency
12. Application information
Sampling frequency = 140 MHz.
Sampling frequency = 240 MHz.
Fig 5.
THD as a function of fOUT, typical values
Fig 6.
THD as a function of fOUT, typical values
Sampling frequency = 330 MHz.
Sampling frequency = 140 MHz.
Fig 7.
THD as a function of fOUT, typical values
Fig 8.
SFDR as a function of fOUT, typical values
001aad345
fOUT (MHz)
1102
10
−40
−60
−20
0
THD
(dB)
−80
001aad347
fOUT (MHz)
1102
10
−40
−60
−20
0
THD
(dB)
−80
001aad348
fOUT (MHz)
1102
10
−40
−60
−20
0
THD
(dB)
−80
001aad427
fOUT (MHz)
1102
10
−40
−60
−20
0
SFDR
(dB)
−80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com