Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8777HL/33/C1 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8777HL/33/C1
Description  Triple 10-bit video DAC, up to 330 MHz sample frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8777HL/33/C1 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8777HL/33/C1 Datasheet HTML 10Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 11Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 12Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 13Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 14Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 15Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 16Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 17Page - NXP Semiconductors TDA8777HL/33/C1 Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
© Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 15 August 2005
Document number: TDA8777_3
Published in The Netherlands
Philips Semiconductors
TDA8777
Triple 10-bit video DAC, up to 330 MHz sample frequency
21. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Quick reference data . . . . . . . . . . . . . . . . . . . . . 2
5
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
6
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . 3
7
Pinning information . . . . . . . . . . . . . . . . . . . . . . 4
7.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
7.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Functional description . . . . . . . . . . . . . . . . . . . 5
8.1
Voltage reference . . . . . . . . . . . . . . . . . . . . . . . 5
8.2
Blanking and sync pulse insertion . . . . . . . . . . 6
9
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6
10
Thermal characteristics. . . . . . . . . . . . . . . . . . . 7
11
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 7
12
Application information. . . . . . . . . . . . . . . . . . 10
13
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 12
14
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
14.1
Introduction to soldering surface mount
packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
14.2
Reflow soldering . . . . . . . . . . . . . . . . . . . . . . . 13
14.3
Wave soldering . . . . . . . . . . . . . . . . . . . . . . . . 13
14.4
Manual soldering . . . . . . . . . . . . . . . . . . . . . . 14
14.5
Package related soldering information . . . . . . 14
15
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 16
16
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 17
17
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
18
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
19
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
20
Contact information . . . . . . . . . . . . . . . . . . . . 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com