Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2202IDGKT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2202IDGKT
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2202IDGKT Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA2202IDGKT Datasheet HTML 17Page - Texas Instruments OPA2202IDGKT Datasheet HTML 18Page - Texas Instruments OPA2202IDGKT Datasheet HTML 19Page - Texas Instruments OPA2202IDGKT Datasheet HTML 20Page - Texas Instruments OPA2202IDGKT Datasheet HTML 21Page - Texas Instruments OPA2202IDGKT Datasheet HTML 22Page - Texas Instruments OPA2202IDGKT Datasheet HTML 23Page - Texas Instruments OPA2202IDGKT Datasheet HTML 24Page - Texas Instruments OPA2202IDGKT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
0.1n
1n
10n
100n
1µ
10µ
1
10
100
1k
10k
100k
1M
10M
Source Resistance, R
S (Ÿ)
C003
OPA211
OPA202
Resistor Noise
R
S = 6 kŸ
21
OPA202, OPA2202, OPA4202
www.ti.com
SBOS812F – OCTOBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
7.3.2 Output Current Limit
The output current of the OPAx202 is limited by internal circuitry to ±35 mA (sinking or sourcing) to protect the
device if the output is accidentally shorted. This short-circuit current depends on temperature, as Figure 37
shows.
7.3.3 Noise Performance
Figure 42 shows the total circuit noise for varying source impedances with the operational amplifier in a unity-
gain configuration (with no feedback resistor network and therefore no additional noise contributions). The
OPAx202 and OPA211 are shown with total circuit noise calculated. The op amp itself contributes a voltage
noise component and a current noise component. The voltage noise is commonly modeled as a time-varying
component of the offset voltage. The current noise is modeled as the time-varying component of the input bias
current and reacts with the source resistance to create a voltage component of noise. Therefore, the lowest noise
op amp for a given application depends on the source impedance. For low source impedance, current noise is
negligible and voltage noise dominates. The OPAx202 have both low voltage noise and low current noise
because of the super-beta bipolar junction transistor (super-β BJT) input of the op amp. As a result, the current
noise contribution of the OPAx202 is negligible for most practical source impedances, which makes the series
the better choice for applications with high source impedance.
The equation in Figure 42 shows the calculation of the total circuit noise with these parameters:
•
en = voltage noise
•
In = current noise
•
RS = source impedance
•
k = Boltzmann's constant = 1.38 × 10–23 J/K
•
T = temperature in kelvins (K)
For more details on calculating noise, see Basic Noise Calculations.
NOTE: For source resistances (RS) greater than 6 kΩ, the OPAx202 is a lower-noise option compared to the
OPA211, as shown in Figure 42.
Figure 42. Noise Performance of the OPAx202 vs the OPA211 in a Unity-Gain Buffer Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com