Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2202IDGKT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2202IDGKT
Description  OPAx202 Precision, Low-Noise, Heavy Capacitive Drive, 36-V Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2202IDGKT Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPA2202IDGKT Datasheet HTML 25Page - Texas Instruments OPA2202IDGKT Datasheet HTML 26Page - Texas Instruments OPA2202IDGKT Datasheet HTML 27Page - Texas Instruments OPA2202IDGKT Datasheet HTML 28Page - Texas Instruments OPA2202IDGKT Datasheet HTML 29Page - Texas Instruments OPA2202IDGKT Datasheet HTML 30Page - Texas Instruments OPA2202IDGKT Datasheet HTML 31Page - Texas Instruments OPA2202IDGKT Datasheet HTML 32Page - Texas Instruments OPA2202IDGKT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Frequency (Hz)
-60
-40
-20
0
20
100
1k
10k
100k
1M
29
OPA202, OPA2202, OPA4202
www.ti.com
SBOS812F – OCTOBER 2017 – REVISED FEBRUARY 2020
Product Folder Links: OPA202 OPA2202 OPA4202
Submit Documentation Feedback
Copyright © 2017–2020, Texas Instruments Incorporated
Typical Application (continued)
8.2.3 Application Curve
Figure 48. OPAx202 Second-Order, 25-kHz, Chebyshev, Low-Pass Filter
9 Power Supply Recommendations
The OPAx202 are specified for operation from 4.5 V to 36 V (±2.25 V to ±18 V); many specifications apply from
–40°C to +105°C. Parameters that can exhibit significant variance with regard to operating voltage or
temperature are shown in the Typical Characteristics.
CAUTION
Supply voltages greater than 40 V can permanently damage the device; see the
Absolute Maximum Ratings.
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, see the Layout
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com