Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8846 Datasheet(PDF) 15 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 15 Page - ams AG

Back Button AS8846 Datasheet HTML 11Page - ams AG AS8846 Datasheet HTML 12Page - ams AG AS8846 Datasheet HTML 13Page - ams AG AS8846 Datasheet HTML 14Page - ams AG AS8846 Datasheet HTML 15Page - ams AG AS8846 Datasheet HTML 16Page - ams AG AS8846 Datasheet HTML 17Page - ams AG AS8846 Datasheet HTML 18Page - ams AG AS8846 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 15 of 35
Remark 3: The external current measurement voltage over the measurement resistor Rmeas
(VCMP - VCMN) = Imotor * Rmeas where the internal over current detection is switched on can be
determined by: (VCMP - VCMN)overc * AV_TRIMM * AV_RANGE_over = OVERC_level
(VCMP - VCMN)overc = OVERC_level / (AV_TRIMM * AV_RANGE_over)
example: OVERC_level = 4 V, AV_TRIMM = 80, AV_RANGE_over = 1/4
à (VCMP - VCMN)overc = 200 mV
Remark 4: Example of the programming of the current measurement / over current detection unit:
Step1: Definition of the nominal voltage drop over the external current measurement resistor Rmeas
(VCMP - VCMN)nom = Imotornom * Rmeas e.g. (VCMP - VCMN)nom = 50 A * 1 m
Ω = 50 mV
Step2: Definition of the over current threshold value of (VCMP - VCMN) e.g. (VCMP - VCMN)overc = 100 mV
Step3: Determination of the voltage amplification of the normal current measurement channel so that the nominal
output voltage VA_current_nom = 4.0 V
e.g. AV_TRIMM * AV_RANGE = 80 * 1
à VA_current-nom = 50 mV * 80 = 4.0 V
Step4: Determination of the voltage amplification of the over current measurement
e.g. AV_TRIMM * AV_RANGE_over = 80 * 1/4
à VA_overc_max = 100mV * 20 = 2.0 V < 4.0 V
Step5: Determination of the programming of the internal over current threshold value (OVERC_level)
With the formula: (VCMP - VCMN)overc = OVERC_level / (AV_TRIMM * AV_RANGE_over) and all values
above:
OVERC_level = (VCMP - VCMN)overc * (AV_TRIMM * AV_RANGE_over) = 100 mV * 80 *1/4 = 2.0 V
à R9 = 4
Remark 5: The amplifications AVmeas_norm and AVmeas_overc of the current measurement unit can be adapted to the
external measurement resistor Rmeas by the programming word AV_TRIMM in steps of 1.25 % in the range
of + 12.5% (trimming of Rmeas).
Table 13
Programming of the motor current measurement an over current detection unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com