Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8846 Datasheet(PDF) 31 Page - ams AG

Part # AS8846
Description  Programmable PWM DC Motor Driver / Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8846 Datasheet(HTML) 31 Page - ams AG

Back Button AS8846 Datasheet HTML 27Page - ams AG AS8846 Datasheet HTML 28Page - ams AG AS8846 Datasheet HTML 29Page - ams AG AS8846 Datasheet HTML 30Page - ams AG AS8846 Datasheet HTML 31Page - ams AG AS8846 Datasheet HTML 32Page - ams AG AS8846 Datasheet HTML 33Page - ams AG AS8846 Datasheet HTML 34Page - ams AG AS8846 Datasheet HTML 35Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Data Sheet AS8446
Revision 1.8, Date 2005-03-17
Page 31 of 35
Over Temperature Detection
On Chip Over Temperature Detection
The on chip temperature detection sets the signal PTover_in high if the chip temperature climbs above the specified level. This
over temperature detection has a hysteresis of about 20 °C.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Recovery Temperature
Trecovery
+130
+140
+150
°C
Information Parameter
Shutdown Temperature
Tshutdpwn
+150
+160
+170
°C
Information Parameter
On chip temperature voltage
VTEMP
1
1.4
V
TON_CHIP = 27 °C
threshold voltage of the on chip
over temperature comparator
VOTI
0.8
1
V
Information Parameter
Hysteresis of the over temperature
comparator
VOTIHYST
30
50
mV
Information Parameter
External Over Temperature Detection
The over temperature detection is realized with an external temperature sensor (e.g. NTC). The threshold value of the voltage
at pin TP is defined to Vth_TP = 0.5* VDD (typical 2.5 V) and has a hysteresis.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
NOTE
Over Temperature threshold value
Vth_TP
VDD/2 –
0.05
VDD/2 +
0.05
V
Negative Hysteresis
Vth_TP_HYS_N
30
70
mV
The over temperature signal PTover_ex is defined in the following way:
PTover_ex = high if VIN < Vth_TP (over temperature)
PTover_ex = low if VIN > Vth_TP (no over temperature)
Analog MUX and Analog Output Buffer
The following analog measurement channels and digital signals are output via an analog MUX and an analog buffer to the pin
ADC, the MUX is controlled by register R15<3:0>
Analog MUX function
PARAMETER
SYMBOL
TYP
NOTE
A_current
Normal motor current measurement
channel
R15 = 0
A_overc
Motor over current measurement
channel
R15 = 1
Vbat_mon
Battery voltage monitoring
R15 = 2
TP
Temperature sensor analog value
R15 = 3
Used in
normal
application
to control /
regulate the
system
Vtemp
Temperature voltage
R15 = 4
PVover
Over voltage signal
R15 = 5
PVunder
Under voltage signal
R15 = 6
PTover_ex
Over temperature signal, extern
R15 = 7
PTover_in
Over temperature signal, intern
R15 = 8
Used for test
purposes
only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com