Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL2S1502FUD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SL2S1502FUD
Description  ICODE ILT
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SL2S1502FUD Datasheet(HTML) 4 Page - NXP Semiconductors

  SL2S1502FUD Datasheet HTML 1Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 2Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 3Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 4Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 5Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 6Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 7Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 8Page - NXP Semiconductors SL2S1502FUD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
NXP Semiconductors
SL2S1402_SL2S1502_SL2S1602
ICODE ILT
SL2S1402_SL2S1502_SL2S1602
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3.3 — 15 October 2019
COMPANY PUBLIC
234333
4 / 33
4 Ordering information
Table 1. Ordering information
Type number
Package
Name
Description
Version
SL2S1402FUD
Wafer
sawn, bumped wafer, 120 μm, on film frame
carrier,
Ci between LA and LB = 0 pF (typical)
-
SL2S1402FUF
Wafer
sawn, bumped wafer, 75 μm, on film frame carrier,
Ci between LA and LB = 0 pF (typical)
-
SL2S1502FUD
Wafer
sawn, bumped wafer, 120 μm, on film frame
carrier,
Ci between LA and LB = 23.5 pF (typical)
-
SL2S1502FUF
Wafer
sawn, bumped wafer, 75 μm, on film frame carrier,
Ci between LA and LB = 23.5 pF (typical)
-
SL2S1602FUD
Wafer
sawn, bumped wafer, 120 μm, on film frame
carrier,
Ci between LA and LB = 97 pF (typical)
-
SL2S1502FTB
XSON3
plastic extremely thin small outline package; no
leads; 3 terminals; body 1 x 1.45 x 0.5 mm;
Ci between LA and LB = 23.5 pF (typical)
SOT1122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com