Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83261 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DP83261 Datasheet HTML 1Page - National Semiconductor (TI) DP83261 Datasheet HTML 2Page - National Semiconductor (TI) DP83261 Datasheet HTML 3Page - National Semiconductor (TI) DP83261 Datasheet HTML 4Page - National Semiconductor (TI) DP83261 Datasheet HTML 5Page - National Semiconductor (TI) DP83261 Datasheet HTML 6Page - National Semiconductor (TI) DP83261 Datasheet HTML 7Page - National Semiconductor (TI) DP83261 Datasheet HTML 8Page - National Semiconductor (TI) DP83261 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 132 page
background image
10 FDDI Chip Set Overview
National Semiconductor’s DP83200 FDDI chip set consists
of five components as shown in
Figure 1-1 For more infor-
mation on the other devices of the chip set consult the
appropriate datasheets and application notes
DP8325656-AP57 PLAYERa TM
Device Physical Layer Controller
The PLAYERa device implements the Physical Layer
(PHY) protocol as defined by the ANSI FDDI PHY X3T95
Standard along with all the necessary clock recovery and
clock regeneration functions
Features
 Single chip FDDI Physical Layer (PHY) solution
 Integrated Digital Clock Recovery Module provides en-
hanced tracking and greater lock acquisition range
 Integrated Clock Generation Module provides all neces-
sary clock signals for an FDDI system from an external
125 MHz reference
 Alternate PMD Interface (DP83256-AP57) supports
UTP twisted pair FDDI PMDs with no external clock re-
covery or clock generation functions required
 No External Filter Components
 Connection Management (CMT) Support (LEM TNE
PC
React CF
React Auto Scrubbing)
 Full on-chip configuration switch
 Low Power CMOS-BIPOLAR design using a single 5V
supply
 Full duplex operation with through parity
 Separate management interface (Control Bus)
 Selectable Parity on PHY-MAC Interface and Control Bus
Interface
 Two levels of on-chip loopback
 4B5B encoderdecoder
 Framing logic
 Elasticity Buffer Repeat Filter and Smoother
 Line state detectorgenerator
 Supports single attach stations dual attach stations and
concentrators with no external logic
 DP8325656-AP for SASDAS single path stations
 P83257 for SASDAS singledual path stations
In
addition
the
DP83257
contains
an
additional
PHY
Datarequest and PHY
Dataindicate port required
for concentrators and dual attach stations
DP83261 BMACTM Device
Media Access Controller
The BMAC device implements the Timed Token Media Ac-
cess Control protocol defined by the ANSI X3T95 FDDI
MAC Standard
Features
 All of the standard defined ring service options
 Full duplex operation with through parity
 Supports all FDDI Ring Scheduling Classes (Synchro-
nous Asynchronous etc)
 Supports Individual Group Short Long and External
Addressing
 Generates Beacon Claim and Void frames internally
 Extensive ring and station statistic gathering
 Extensions for MAC level bridging
 Separate management port that is used to configure and
control operation
 Multi-frame streaming interface
DP83265A BSI-2 Device
System Interface
The BSI-2 device implements an interface between the
BMAC device and a host system
Features
 Fully software and pin compatible with the original BSI
device
 Over 2 kbytes of on-chip FIFO
 Operates from 125 MHz to 33 MHz synchronously with
host system
 Provides Address bit swapping capability
 Reduces interface logic for SBus adapters
 32-bit wide AddressData path with byte parity
 Programmable transfer burst sizes of 4 or 8 32-bit words
 Interfaces to DRAMs or directly to system bus
 2 Output and 3 Input Channels
 Supports HeaderInfo splitting
 Bridging support
 Programmable Big or Little Endian alignment
 Full duplex data path
 Receive frame filtering services
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com