Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83261 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83261
Description  BMAC Device (FDDI Media Access Controller)
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83261 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button DP83261 Datasheet HTML 91Page - National Semiconductor (TI) DP83261 Datasheet HTML 92Page - National Semiconductor (TI) DP83261 Datasheet HTML 93Page - National Semiconductor (TI) DP83261 Datasheet HTML 94Page - National Semiconductor (TI) DP83261 Datasheet HTML 95Page - National Semiconductor (TI) DP83261 Datasheet HTML 96Page - National Semiconductor (TI) DP83261 Datasheet HTML 97Page - National Semiconductor (TI) DP83261 Datasheet HTML 98Page - National Semiconductor (TI) DP83261 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 132 page
background image
70 Signal Descriptions (Continued)
743 Operation
The MAC Request Interface has three logical states as determined by TXRDY and TXPASS The interface state machine is
shown in
Figure 7-11 followed by a description of the conditions states and transitions
State
Description
TXRDY
TXPASS
MR0 Not Ready
Ring Engine is not ready to service a request
0
1
MR1 Ready
Ring Engine is ready to transmit a frame
1
0
MR2 Sending
Ring Engine is sending a frame
0
0
TLF10387 – 18
FIGURE 7-11 MAC Request Interface State Machine
Conditions
Send Frame
A frame can be sent from the interface when at least 8 bytes of preamble have been transmit-
ted TXRDY RQRDY and RQSEND are asserted and RQFINAL has not yet been asserted for
this request
Service Opportunity
A Service Opportunity occurs when it is possible to service the current request as defined by
the current service parameters (RQRCLS RQCLM and RQBCN) The rules for servicing re-
quests are described in Section 52
Continue Service Opportunity
A Service Opportunity is continued after the current frame if valid service parameters continue
to be presented during the frame and the timer(s) used for the (next) requested service class
have not reached their threshold
End of Service Opportunity
The end of a Service Opportunity occurs when it is no longer necessary or possible to continue
the Service Opportunity The service parameters are continuously compared with the current
state of the Transmitter If an unserviceable request is presented or any timer threshold is
reached the Service Opportunity will not continue after the current frame (if any)
Table 7-4 shows the timer thresholds used to determine if a Service Opportunity is possible for each service class
TABLE 7-4 Thresholds Used to Determine Service Opportunities
Request Service Class
Threshold
All Requests
TRT Expiration
All Requests with THT Enabled
THT Expiration
Priority Asynchronous Requests
Asynchronous Priority Threshold
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com