| Electronic Components Datasheet Search |
|
PCF2127AT Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2127AT Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 100 page ![]() PCF2127 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 8 — 19 December 2014 18 of 100 NXP Semiconductors PCF2127 Accurate RTC with integrated quartz crystal for industrial applications Three power management functions are implemented: Battery switch-over function. monitoring the main power supply VDD and switching to VBAT in case a power fail condition is detected (see Section 8.6.1). Battery low detection function. monitoring the status of the battery, VBAT (see Section 8.6.2). Extra power fail detection function. monitoring the voltage at the power fail input pin, PFI (see Section 8.6.3). The power management functions are controlled by the control bits PWRMNG[2:0] (see Table 25) in register Control_3 (see Table 11): [1] Default value. [2] When the battery switch-over function is disabled, the PCF2127 works only with the power supply VDD. VBAT must be put to ground and the battery low detection function is disabled. Table 25. Power management control bit description PWRMNG[2:0] Function 000 [1] battery switch-over function is enabled in standard mode; battery low detection function is enabled; extra power fail detection function is enabled 001 battery switch-over function is enabled in standard mode; battery low detection function is disabled; extra power fail detection function is enabled 010 battery switch-over function is enabled in standard mode; battery low detection function is disabled; extra power fail detection function is disabled 011 battery switch-over function is enabled in direct switching mode; battery low detection function is enabled; extra power fail detection function is enabled 100 battery switch-over function is enabled in direct switching mode; battery low detection function is disabled; extra power fail detection function is enabled 101 battery switch-over function is enabled in direct switching mode; battery low detection function is disabled; extra power fail detection function is disabled 110 [2] battery switch-over function is disabled - only one power supply (VDD); battery low detection function is disabled; extra power fail detection function is enabled 111 [2] battery switch-over function is disabled - only one power supply (VDD); battery low detection function is disabled; extra power fail detection function is disabled |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |