Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1PD Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S1PD
Description  High Current Density Surface Mount Glass-Passivated Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S1PD Datasheet(HTML) 1 Page - Vishay Siliconix

  S1PD Datasheet HTML 1Page - Vishay Siliconix S1PD Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.000 (0.00)
0.012 (0.30)
0.013 (0.35)
0.004 (0.10)
0.018 (0.45)
0.006 (0.15)
0.045 (1.15)
0.033 (0.85)
0.036 (0.91)
0.024 (0.61)
0.016 (0.40)
0.032 (0.80)
0.053 (1.35)
0.041 (1.05)
0.012 (0.30) REF
0.105
(2.67)
0.025
(0.635)
0.100
(2.54)
0.030
(0.762)
0.050
(1.27)
Cathode band
0.142 (3.61)
0.126 (3.19)
0.158 (4.00)
0.146 (3.70)
0.086 (2.18)
0.074 (1.88)
0.087 (2.20)
0.103 (2.60)
Dimensions in inches
and (millimeters)
Case Style SMP
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
S1PA
S1PB
S1PD
S1PG
S1PJ
Unit
Device marking code
SA
SB
SD
SG
SJ
Maximum reverse voltage
VRM
50
100
200
400
600
V
Maximum average forward rectified current Fig.1
IF(AV)
1A
Peak forward surge current 10ms single half sine-wave
superimposed on rated load
IFSM
30
A
Typical thermal resistance (1)
R
θJA
105
R
θJL
15
°C/W
R
θJC
20
Operating junction temperature
TJ,
150
°C
Storage temperature
TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
Value
Unit
Maximum instantaneous forward voltage(2) at IF=1A, TJ=25°C
VF
1.1
V
at IF=1A, TJ=125°C
0.95
Maximum reverse current
TJ = 25°C
1.0
µA
at rated VR(2)
TJ =125°C
IR
50
Typical reverse recovery time at
at IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
1.8
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
6.0
pF
Notes: (1) Thermal resistance from junction to ambient and junction to lead mounted on P.C.B. with 5.0 x 5.0mm copper pad areas. R
θJL is measured at the ter-
minal of cathode band. R
θJC is measured at the top centre of the body
(2) Pulse test: 300µs pulse width, 1% duty cycle
Features
• Very low profile - typical height of 1.0mm
• Ideal for automated placement
• Glass passivated chip junction
• For use in rectification, power supply, home appliances
and telecommunication
• High temperature soldering:
260°C maximum/10 seconds at terminals
• Meets MSL level 1 per J-STD-020C
Mechanical Data
Case: SMP
Terminals: Matte Tin plated (E3 Suffix) leads, solderable
per J-STD-002B and MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Weight: 0.0009 oz., 0.024 g
Epoxy meets UL 94V-0 flammability rating
Mounting Pad Layout
S1PA thru S1PJ
Vishay Semiconductors
formerly General Semiconductor
High Current Density Surface Mount
Glass-Passivated Rectifiers
Reverse Voltage 50 to 600 V
Forward Current 1.0 A
Document Number 88917
www.vishay.com
23-Sep-04
1
New Product


Similar Part No. - S1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S1PD VISHAY-S1PD Datasheet
89Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
19-Apr-11
S1PD VISHAY-S1PD Datasheet
100Kb / 5P
High Current Density Surface-Mount Glass Passivated Rectifiers
15-Apr-2020
logo
Sirectifier Semiconduct...
S1PDB122 SIRECTIFIER-S1PDB122 Datasheet
63Kb / 2P
Single Phase Bridge Rectifiers Modules
S1PDB122N08 SIRECTIFIER-S1PDB122N08 Datasheet
63Kb / 2P
Single Phase Bridge Rectifiers Modules
S1PDB122N08 SIRECTIFIER-S1PDB122N08 Datasheet
82Kb / 2P
Single Phase Bridge Rectifiers Modules
More results

Similar Description - S1PD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
High Current Density Surface Mount Ultrafast Rectifiers
19-Apr-11
RS1PB VISHAY-RS1PB Datasheet
84Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
19-Apr-11
S1PB VISHAY-S1PB Datasheet
89Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
19-Apr-11
S4PB VISHAY-S4PB Datasheet
96Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
19-Apr-11
S1PM-M3 VISHAY-S1PM-M3 Datasheet
89Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
14-Aug-13
RS1PG-M3 VISHAY-RS1PG-M3 Datasheet
489Kb / 4P
High Current Density Surface Mount Glass Passivated Fast Switching Rectifier
21-Aug-13
RS1PB VISHAY-RS1PB_V01 Datasheet
99Kb / 5P
High Current Density Surface-Mount Glass Passivated Fast Switching Rectifier
15-Apr-2020
S1PB VISHAY-S1PB_V01 Datasheet
100Kb / 5P
High Current Density Surface-Mount Glass Passivated Rectifiers
15-Apr-2020
S4PB VISHAY-S4PB_V01 Datasheet
109Kb / 5P
High Current Density Surface Mount Glass Passivated Rectifiers
13-Aug-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com