Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82845MP Datasheet(PDF) 18 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 18 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 14Page - Intel Corporation 82845MP Datasheet HTML 15Page - Intel Corporation 82845MP Datasheet HTML 16Page - Intel Corporation 82845MP Datasheet HTML 17Page - Intel Corporation 82845MP Datasheet HTML 18Page - Intel Corporation 82845MP Datasheet HTML 19Page - Intel Corporation 82845MP Datasheet HTML 20Page - Intel Corporation 82845MP Datasheet HTML 21Page - Intel Corporation 82845MP Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 157 page
background image
Intel
®82845MP/82845MZ Chipset-Mobile (MCH-M)
18
Datasheet
250687-002
R
1.4.
AGP Interface
A single AGP component or connector (not both) is supported by the Intel 845MP/845MZ Chipset
MCH-M AGP interface. The AGP buffers operate only in 1.5-V mode. They are not 3.3-V safe.
The AGP interface supports 1x/2x/4x AGP signaling and 2x/4x Fast Writes. AGP semantic cycles to
DRAM are not snooped on the host bus. PCI semantic cycles to DRAM are snooped on the host bus. The
MCH-M supports PIPE# or SBA[7:0] AGP address mechanisms, but not both simultaneously. Either the
PIPE# or the SBA[7:0] mechanism must be selected during system initialization. Both upstream and
downstream addressing is limited to 32 bits for AGP and AGP/PCI transactions. The MCH-M contains a
32-deep AGP request queue. High priority accesses are supported. All accesses from the AGP/PCI
interface that fall within the Graphics Aperture address range pass through an address translation
mechanism with a fully associative 20 entry TLB. Accesses between AGP and hub interface are limited
to memory writes originating from the hub interface destined for AGP. The AGP interface is clocked
from a dedicated 66MHz clock (66IN). The AGP-to-host/core interface is asynchronous.
Consult the latest AGP Busy and Stop Protocol Specification for more information.
1.5.
Hub Interface
The 8-bit hub interface connects the MCH-M to the ICH3-M. All communication between the MCH-M
and the ICH3-M occurs over the hub interface. The hub interface runs at 66 MHz/266 MB/s. Aside from
the obvious traffic types, the following communication also occur over hub interface:
• Interrupt related messages
• Power management events as messages
• SMI, SCI, and SERR error indication messages
It is assumed that the hub interface is always connected to an ICH3-M. This is a proprietary interconnect
between the MCH-M and the ICH3-M.
1.6.
MCH-M Clocking
The MCH-M has the following clock input pins:
• Differential BCLK[1:0] for the host interface
• 66-MHz clock input for the AGP and hub interface
Clock Synthesizer chip(s) are responsible for generating the system Host clocks, AGP and hub interface
clocks, PCI clocks, and DRAM clocks. The Host target speed is 400 MT/s. The MCH-M does not
require any relationship between the HCLKIN host clock and the 66-MHz clock generated for AGP and
hub interface; they are totally asynchronous from each other. The AGP and hub interface runs at a
constant 66-MHz base frequency. The hub interface runs at 4x, while AGP transfers may be 1x, 2x, or
4x.
The following tables indicate the frequency ratios between the various interfaces that the MCH-M
supports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com