Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82845MP Datasheet(PDF) 45 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 41Page - Intel Corporation 82845MP Datasheet HTML 42Page - Intel Corporation 82845MP Datasheet HTML 43Page - Intel Corporation 82845MP Datasheet HTML 44Page - Intel Corporation 82845MP Datasheet HTML 45Page - Intel Corporation 82845MP Datasheet HTML 46Page - Intel Corporation 82845MP Datasheet HTML 47Page - Intel Corporation 82845MP Datasheet HTML 48Page - Intel Corporation 82845MP Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
45
R
3.6.3.
CKESTR – Strength Control Register for CKE Signal Group
Address Offset:
31h
Default Value:
00h
Access:
Read Only, Read/Write
Size:
8 bits
This register controls the drive strength of the I/O buffers for the CKE signal group. This group has two
possible loadings depending on the width of SDRAM devices used in each Row of memory (x8 or x16).
The proper strength can be independently programmed for each configuration. The actual strength used
for each signal is determined by the DRAM Width Register (offset 2Ch).
Bit
Descriptions
7
Reserved
6:4
CKE x16 Strength Control: Sets drive strength as shown below
000 = 0.75 X (default)
001 = 1.00 X
010 = 1.25 X
011 = 1.50 X
100 = 2.00 X
101 = 2.50 X
110 = 3.00 X
111 = 4.00 X
3
Reserved.
2:0
CKE x8 Strength Control: Sets drive strength as shown below:
000 = 0.75 X (default)
001 = 1.00 X
010 = 1.25 X
011 = 1.50 X
100 = 2.00 X
101 = 2.50 X
110 = 3.00 X
111 = 4.00 X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com