Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT8152C Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8152C
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152C Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8152C Datasheet HTML 1Page - Richtek Technology Corporation RT8152C Datasheet HTML 2Page - Richtek Technology Corporation RT8152C Datasheet HTML 3Page - Richtek Technology Corporation RT8152C Datasheet HTML 4Page - Richtek Technology Corporation RT8152C Datasheet HTML 5Page - Richtek Technology Corporation RT8152C Datasheet HTML 6Page - Richtek Technology Corporation RT8152C Datasheet HTML 7Page - Richtek Technology Corporation RT8152C Datasheet HTML 8Page - Richtek Technology Corporation RT8152C Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
RT8152C/D
1
DS8152C/D-04
April 2011
www.richtek.com
Single-Phase PWM Controller for CPU / GPU Core Power
Supply
General Description
The RT8152C/D is a single phase PWM controller with
integrated MOSFET drivers. Moreover, it is compliant with
Intel IMVP6.5 Voltage Regulator Specification to fulfill its
mobile CPU core and Render core voltage regulator
requirements. The RT8152C/D adopts G-NAVP (Green-
Native AVP), which is a Richtek's proprietary topology
derived from finite DC gain compensator constant on-time
mode, making it an easy setting PWM controller meeting
all Intel AVP (Active Voltage Positioning) mobile CPU/
Render requirements. The output voltage of the RT8152C/
D is set by 7-bit VID code. The built-in high accuracy DAC
converts the VID code ranging from 0V to 1.5V with
12.5mV per step. The system accuracy of the controller
can reach 1.5%. The part supports VID on-the-fly and mode
change on-the-fly functions that are fully compliant with
IMVP6.5 specification. It operates in single phase and
diode emulation modes. It can reach up to 90% efficiency
in different modes according to different loading conditions.
The droop load line can be easily programmed by setting
the DC gain of the error amplifier. With proper
compensation, the load transient can achieve optimized
AVP performance. This chip controls soft-start and output
transition slew rate via a capacitor. It supports both DCR
and sense resistor current sensing. The RT8152C/D
provides power good and thermal throttling output signals
for IMVP6.5 Render core specification, and additional clock
enabling for CPU core specification. It also features
complete fault protection functions including over voltage,
under voltage, negative voltage, over current and thermal
shutdown. The RT8152C/D is available in WQFN-32L 5x5
small foot print package.
Features
Single Phase PWM Controller with Integrated
MOSFET Driver.
Low-Gain Compensator with CCRCOT Topology
(Constant Current Ripple Constant On Time)
7-bit DAC
0.8% DAC Accuracy
1.5% or 11.5mV System Accuracy
Fixed VBOOT (For CPU Core Only)
Differential Remote Voltage Sensing
G-NAVP Topology (Green-Native AVP)
Programmable Output Transition Slew Rate Control
System Thermal Compensated AVP
Ringing Free Mode at Light Load Condition
Fast Transient Response
IMVP6.5 Compatible Power Management States
Power Good
Clock Enable Output (For CPU Core Only)
Thermal Throttling
Current Monitor Output
Switching Frequency Up to 1MHz
OVP, UVP, OCP, OTP, UVLO, NVP
32-Lead WQFN Package
RoHS Compliant and Halogen Free
Applications
IMVP6.5 CPU / Render Core Voltage Regulator
AVP Step-Down Converter
Notebook / Desktop Computer / Servers
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Ordering Information
Package Type
QW : WQFN-32L 5x5 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8152
VRON Power
C : 1.05V
D : 3.3V


Similar Part No. - RT8152C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
RT81 LRC-RT81 Datasheet
57Kb / 2P
AUTOMOTIVE BRIDGE RECTIFIERS
RT810 LRC-RT810 Datasheet
57Kb / 2P
AUTOMOTIVE BRIDGE RECTIFIERS
logo
Richtek Technology Corp...
RT8100 RICHTEK-RT8100 Datasheet
427Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100A RICHTEK-RT8100A Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
RT8100AGQV RICHTEK-RT8100AGQV Datasheet
422Kb / 18P
Synchronous buck PWM DC/DC with Dual Voltage Control Mode
More results

Similar Description - RT8152C

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9243 RICHTEK-RT9243 Datasheet
487Kb / 18P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9245 RICHTEK-RT9245 Datasheet
421Kb / 22P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9246A RICHTEK-RT9246A Datasheet
281Kb / 16P
Multi-Phase PWM Controller for CPU Core Power Supply
RT9248 RICHTEK-RT9248 Datasheet
325Kb / 14P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
RT8856 RICHTEK-RT8856 Datasheet
373Kb / 23P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CE RICHTEK-RT3607CE Datasheet
959Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8859M RICHTEK-RT8859M_14 Datasheet
729Kb / 51P
Multi-Phase PWM Controller for CPU Core Power Supply
RT8884C RICHTEK-RT8884C Datasheet
692Kb / 46P
Multi-Phase PWM Controller for CPU Core Power Supply
RT3607CJ RICHTEK-RT3607CJ Datasheet
1,001Kb / 69P
Multi-Phase PWM Controller for CPU Core Power Supply
June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com