Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8500TR Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 13Page - STMicroelectronics ST8500TR Datasheet HTML 14Page - STMicroelectronics ST8500TR Datasheet HTML 15Page - STMicroelectronics ST8500TR Datasheet HTML 16Page - STMicroelectronics ST8500TR Datasheet HTML 17Page - STMicroelectronics ST8500TR Datasheet HTML 18Page - STMicroelectronics ST8500TR Datasheet HTML 19Page - STMicroelectronics ST8500TR Datasheet HTML 20Page - STMicroelectronics ST8500TR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
DocID031029 Rev 3
17/37
ST8500
Device architecture
37
Figure 4. ST8500 power supply scheme
2.6.1
External power supply dimensioning
To cover all possible corner cases, the external power supply peak capability should take
into account the values provided in Table 5.
Table 5. Power supply peak consumption
Power supply rails
Conditions
Value
Unit
1.1 V supply rail
Full temperature range, maximum clock frequencies
420
mW
3.3 V supply rail
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com