Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST8500TR Datasheet(PDF) 22 Page - STMicroelectronics

Part # ST8500TR
Description  Programmable power line communication modem System on Chip
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST8500TR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button ST8500TR Datasheet HTML 18Page - STMicroelectronics ST8500TR Datasheet HTML 19Page - STMicroelectronics ST8500TR Datasheet HTML 20Page - STMicroelectronics ST8500TR Datasheet HTML 21Page - STMicroelectronics ST8500TR Datasheet HTML 22Page - STMicroelectronics ST8500TR Datasheet HTML 23Page - STMicroelectronics ST8500TR Datasheet HTML 24Page - STMicroelectronics ST8500TR Datasheet HTML 25Page - STMicroelectronics ST8500TR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Pinout and pin description
ST8500
22/37
DocID031029 Rev 3
Table 7. Pin description
QFN56 pin
Pin name
Type
RS
Description
1
DVDD_3V3_REG
S
-
3.3 V input for the 2.5 V regulator
2
AVDD_2V5
S
-
2.5 V regulator output
3
MCLK_IN
A
-
25 MHz oscillator input
4
MCLK_OUT
A
-
25 MHz oscillator output
5
AVDD_2V5_MCLK
S
-
FS and oscillator 2.5 V supply
6
DVDD_1V1
S
-
Digital block (FS and oscillator) 1.1 V supply
7
RSV0
-
-
Connect to GND
8
RSV1
-
-
Connect to GND
9
RX_INP
A
I
PGA positive input
10
RX_INN
A
I
PGA negative input
11
AVDD_2V5_AFE
S
-
AFE (PGA) 2.5 V supply
12
DAC_OUTP
A
O
Transmission DAC positive output
13
DAC_OUTN
A
O
Transmission DAC negative output
14
AVDD_2V5_AFE
S
-
AFE (DAC) 2.5 V supply
15
TX_ON_1
A
O
TX enable power amplifier 1
16
TX_ON_2
A
O
TX enable power amplifier 2
17
LD_BIAS
A
O
Line driver bias current
18
LD_THERMAL
A
I
Line driver temperature sense
19
TXDRV_OUTP
A
O
Transmission pre-driver positive output
20
TXDRV_OUTN
A
O
Transmission pre-driver negative output
21
CSF_IN
A
I
Line driver current sense feedback input
22
ZC_IN
A
I
Zero crossing comparator input
23
AVDD_3V3_AFE
S
-
Transmission pre-driver 3.3 V supply
24
DVDD_3V3_IO
S
-
I/O 3.3 V supply
25
DVDD_1V1
S
-
Digital block 1.1 V supply
26
LPMODEn
D
I PU LOW-POWER mode enable (active low)
27
RESETn
D
I PU Reset (active low)
28
DVDD_3V3_IO
S
-
I/O 3.3 V supply
29
GPIO00_7
D
I PU General purpose I/O
30
GPIO00_6
D
I PU General purpose I/O
31
GPIO00_5
D
I PU General purpose I/O
32
GPIO00_4
D
I PD General purpose I/O
33
GPIO00_3
D
I PU General purpose I/O
34
GPIO00_2
D
I PD General purpose I/O
35
GPIO00_1
D
I PU General purpose I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com