Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL4120T Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 17Page - NXP Semiconductors SSL4120T Datasheet HTML 18Page - NXP Semiconductors SSL4120T Datasheet HTML 19Page - NXP Semiconductors SSL4120T Datasheet HTML 20Page - NXP Semiconductors SSL4120T Datasheet HTML 21Page - NXP Semiconductors SSL4120T Datasheet HTML 22Page - NXP Semiconductors SSL4120T Datasheet HTML 23Page - NXP Semiconductors SSL4120T Datasheet HTML 24Page - NXP Semiconductors SSL4120T Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
21 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
on. In this way the non-overlap time is optimized automatically, minimizing switching
losses, even if the HB transition cannot be fully completed. Figure 10 illustrates the
operation of the adaptive non-overlap time function in Inductive mode.
The non-overlap time depends on the HB slope, but has upper and lower limits.
An integrated minimum non-overlap time, tno(min), prevents cross conduction occurring
under any circumstances.
The maximum non-overlap time is limited to the oscillator charge time. If the HB slope
lasts longer than the oscillator charge time (= 1⁄4 of HB switching period) the MOSFET is
forced to switch on. In this case the MOSFET is not soft switching. This limitation ensures
that, at very high switching frequencies, the MOSFET on-time is at least 1⁄4 of the HB
switching period.
7.8.4.2
Capacitive mode
The description above holds for normal operation with a switching frequency above the
resonance frequency. When an error condition occurs (e.g. output short, load pulse too
high) the switching frequency can be lower than the resonance frequency. The resonant
tank then has a capacitive impedance. In Capacitive mode, the HB slope does not start
after the MOSFET has switched off. Switching on the other MOSFET is not recommended
in this situation. The absence of soft switching increases dissipation in the MOSFETs. In
Capacitive mode, the body diode in the switched-off MOSFET may start conducting.
Switching on the other MOSFET at this instant can result in the immediate destruction of
the MOSFETs.
The advanced adaptive non-overlap time of the SSL4120T will always wait until the slope
at the half-bridge node starts. It guarantees safe switching of the MOSFETs in all
circumstances. Figure 11 illustrates the operation of the adaptive non-overlap time
function in Capacitive mode.
In Capacitive mode, half the resonance period may elapse before the resonant current
changes back to the correct polarity and starts charging the half-bridge node. The
oscillator is slowed down until the half-bridge slope starts to allow this relatively long
waiting time. See Section 7.8.5 for more details on the oscillator.
Fig 10. Adaptive non-overlap time function (normal inductive operation)
fast HB slope
VBoost
HB
GATELS
GATEHS
0
slow HB slope
incomplete HB slope
t
014aaa858



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com