Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSL4120T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SSL4120T
Description  Resonant power supply control IC with PFC
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SSL4120T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SSL4120T Datasheet HTML 6Page - NXP Semiconductors SSL4120T Datasheet HTML 7Page - NXP Semiconductors SSL4120T Datasheet HTML 8Page - NXP Semiconductors SSL4120T Datasheet HTML 9Page - NXP Semiconductors SSL4120T Datasheet HTML 10Page - NXP Semiconductors SSL4120T Datasheet HTML 11Page - NXP Semiconductors SSL4120T Datasheet HTML 12Page - NXP Semiconductors SSL4120T Datasheet HTML 13Page - NXP Semiconductors SSL4120T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
SSL4120T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Objective data sheet
Rev. 1 — 21 June 2012
10 of 47
NXP Semiconductors
SSL4120T
Resonant power supply control IC with PFC
7.4 Enable input (pin SSHBC/EN)
The power supply application can be completely disabled by pulling pin SSHBC/EN LOW.
Figure 4 illustrates the internal functionality. When a voltage is present on pin SUPHV or
on pin SUPIC, a current Ipu(EN) (typ. 42
μA) flows out of SSHBC/EN. If the pin is not
pulled-down, this current will lift the voltage up to Vpu(EN) (typ. 3 V). Since this voltage is
above both Ven(PFC)(EN) (typ. 1.2 V) and Ven(IC)(EN) (typ. 2.2 V), the IC will be completely
enabled.
The IC can be completely disabled by pulling the voltage on SSHBC/EN down below both
Ven(PFC)(EN) and Ven(IC)(EN) via an opto-coupler driven from the secondary side of the HBC
transformer (see Figure 4). The PFC controller will stop switching immediately, but the
HBC controller will continue switching until the low-side stroke is active. It is also possible
to control the voltage on SSHBC/EN from another circuit on the secondary side via a
diode. The external pull-down current must be larger than the internal soft start charge
current Iss(hf)(SSHBC).
If the voltage on SSHBC/EN is pulled down below Ven(IC)(EN), but not below Ven(PFC)(EN),
only the HBC will be disabled. This feature can be useful when another power converter is
connected to the boost voltage of the PFC.
The low-side power switch of the HBC will be on when the HBC is disabled via the
SSHBC/EN pin.
Boost charge
Boost voltage is built up by operational PFC.
Operational supply
Output voltage is generated. Both PFC and HBC controllers are fully operational.
Restart
Activated when a protection function is triggered. Restart timer is activated. During this time,
PFC and HBC controllers are disabled and CSUPREG is not charged. CSUPIC is charged.
Protection shut-down
Activated when a protection function is triggered. IC is not operational. PFC and HBC controllers
are disabled and CSUPIC and CSUPREG are not charged.
Table 3.
Operating states …continued
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com