Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5047U Datasheet(PDF) 3 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 3 Page - ams AG

  AS5047U Datasheet HTML 1Page - ams AG AS5047U Datasheet HTML 2Page - ams AG AS5047U Datasheet HTML 3Page - ams AG AS5047U Datasheet HTML 4Page - ams AG AS5047U Datasheet HTML 5Page - ams AG AS5047U Datasheet HTML 6Page - ams AG AS5047U Datasheet HTML 7Page - ams AG AS5047U Datasheet HTML 8Page - ams AG AS5047U Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
ams Datasheet
Page 3
[v1-00] 2018-Oct-30
Document Feedback
AS5047U − Pin Assignment
Figure 3:
TSSOP-14 Pin Assignment
Figure 4:
AS5047U Pin Description
Pin Number
Pin Name
Pin Type
Description
1CSn
Digital input(1)
SPI chip select (active low)(2)
2CLK
Digital input(1)
SPI clock(3)
3
MISO
Digital output
SPI master data input, slave output(4)
4MOSI
Digital input(1)
SPI master data output, slave input(3)
5
TEST
Test pin (connect to ground)
6
B
Digital output
Incremental signal B(5)
7
A
Digital output
Incremental signal A(5)
8
W/PWM
Digital output
Commutation signal W or PWM-encoded output(5)
9
V
Digital output
Commutation signal V(5)
10
U
Digital output
Commutation signal U(5)
11
VDD
Power supply
5V power supply voltage for on-chip regulator
Pin Assignment
1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CSn
CLK
MISO
MOSI
TEST
B
A
I/PWM
GND
VDD3V3
VDD
U
V
W/PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com