Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS5047U Datasheet(PDF) 36 Page - ams AG

Part # AS5047U
Description  14-Bit On-Axis Magnetic Rotary Position Sensor with Up to 14-Bit Binary Incremental Pulse Count
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047U Datasheet(HTML) 36 Page - ams AG

Back Button AS5047U Datasheet HTML 32Page - ams AG AS5047U Datasheet HTML 33Page - ams AG AS5047U Datasheet HTML 34Page - ams AG AS5047U Datasheet HTML 35Page - ams AG AS5047U Datasheet HTML 36Page - ams AG AS5047U Datasheet HTML 37Page - ams AG AS5047U Datasheet HTML 38Page - ams AG AS5047U Datasheet HTML 39Page - ams AG AS5047U Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
Page 36
ams Datasheet
Document Feedback
[v1-00] 2018-Oct-30
AS5047U − Detailed Description
ECC
The ECC (Error Code Correction) is a mechanism which protects
the customer settings.
The ECC protection is active whenever ECC_en=1. ECC_en is the
error corrected counterpart of the P2RAM bit en and is found
in register ECC_STATUS. Whenever a bit error occurs, this is
reported by the status register ERRFL [2:3]. Single bit errors are
corrected immediately and do not influence the correct
operation of the sensor. If either a single or double errors are
detected, the next SPI MISO frame will report this to the
software by setting flags error=1 (double bit error) or
warning=1 (single bit error). Warning and error are sticky flags,
which guarantees that spurious P2RAM errors are certainly
reported.
The ECC Protection is activated with the following steps:
• Writing uses data into the register and set ECC_en to high.
• Reading ECC_s from register 0x3FD0 and set the value into
ECC_chsum. Do not overwrite the ECC_en
• Programming the part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com