Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPP01-M12 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TCPP01-M12 Datasheet HTML 2Page - STMicroelectronics TCPP01-M12 Datasheet HTML 3Page - STMicroelectronics TCPP01-M12 Datasheet HTML 4Page - STMicroelectronics TCPP01-M12 Datasheet HTML 5Page - STMicroelectronics TCPP01-M12 Datasheet HTML 6Page - STMicroelectronics TCPP01-M12 Datasheet HTML 7Page - STMicroelectronics TCPP01-M12 Datasheet HTML 8Page - STMicroelectronics TCPP01-M12 Datasheet HTML 9Page - STMicroelectronics TCPP01-M12 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
4
Typical electrical characteristics curves
Note:
Top = 30 °C, VCC = 3.3 V, SOURCE = 5 V, unless otherwise stated
Figure 4. CC line bandwidth: Vcm = 0 V
Figure 5. CC line bandwidth: Vcm = 1.2 V
Figure 6. CCx digital communication (eye diagram
performed on X-NUCLEO-USBPDM1 and NUCLEO-
G071RB)
Figure 7. CC1c line short to VBUS (22 V) hot-plug via 1m
of USB-C cable, sink configuration
Figure 8. CC line leakage current vs ambient temperature
at 5.5 V
Figure 9. CC line attachment test setup
TCPP01-M12
Typical electrical characteristics curves
DS12900 - Rev 1
page 6/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com