Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCPP01-M12 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 1 Page - STMicroelectronics

  TCPP01-M12 Datasheet HTML 1Page - STMicroelectronics TCPP01-M12 Datasheet HTML 2Page - STMicroelectronics TCPP01-M12 Datasheet HTML 3Page - STMicroelectronics TCPP01-M12 Datasheet HTML 4Page - STMicroelectronics TCPP01-M12 Datasheet HTML 5Page - STMicroelectronics TCPP01-M12 Datasheet HTML 6Page - STMicroelectronics TCPP01-M12 Datasheet HTML 7Page - STMicroelectronics TCPP01-M12 Datasheet HTML 8Page - STMicroelectronics TCPP01-M12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Product labels
Features
•
Overvoltage protection on VBUS, adjustable up to 22 V, with external N-channel
MOSFET
•
6.0 V overvoltage protection (OVP) on CC lines against short-to-VBUS
•
System-level ESD protection for USB type-C connector pins (CC1, CC2),
compliant with IEC 61000-4-2 level 4 (±8 kV contact discharge, ±15 kV air
discharge)
•
Integrated charge pump to control the gate of an external N-channel MOSFET
(which features a lower RDSON than a P-channel MOSFET)
•
Null quiescent current when no USB charging cable is attached for battery-
operated "consumer/sink" applications
•
Integrated “dead battery” (RD resistors)
•
Over temperature protection (OTP)
•
Operating junction temperature from -40°C to 85°C
•
Complies with the latest USB type-C and USB power delivery standards
•
Compliant with programmable power supply (PPS) as defined in latest USB PD
specification
•
Open-drain fault reporting
•
ECOPACK2 compliant
Applications
•
USB type-C used in sink configuration (consumer)
•
USB type-C used in source configuration (provider)
•
USB type-C for UFP (upstream facing port) or DFP (downstream facing port)
configuration
•
USB type-C power delivery, PPS compliant
Description
The TCPP01-M12 (type-C port protection) is a single chip solution for USB type-C
port protection that facilitates the migration from USB legacy connectors type-A or
type-B to USB type-C connectors. The TCPP01-M12 features 22 V tolerant ESD
protection as per IEC61000-4-2 level 4 on USB type-C connector configuration
channel (CC) pins. For a safe and reliable USB type-C implementation, the TCPP01-
M12 provides overvoltage protection on CC1 and CC2 pins when these pins are
subjected to short circuit with the VBUS pin that may happen when removing the
USB type-C cable from its receptacle. For sink applications, TCPP01-M12 triggers an
external N-MOSFET on VBUS line when a defective power source applies a voltage
higher than selected OVP threshold. Also, the TCPP01-M12 integrates a “dead
battery” management logic that is compliant with the latest USB power delivery
specification. The power supply of the TCPP01-M12 for sink applications operated
with a battery can be provided by an MCU 3.3 V GPIO in order to drop the power
consumption in “cable not attached” condition down to 0 nA. This low power mode
will extend the battery operating life when no source equipment is attached.
The TCPP01-M12 can also be used to protect source (provider) applications, and it
can support programmable power supply feature from the USB-C power delivery
specification.
Product status link
TCPP01-M12
Product summary
Order code
TCPP01-M12
Package
QFN12
Packing
Tape and reel
Description
PPS compliant
USB type-C port
protection
Companion chip
USB Type-C
STM32 or STM8
USB Type-C with
power delivery
STM32 with
UCPD support,
example
STM32L5,
STM32G0,
STM32G4
USB type-C port protection
TCPP01-M12
Datasheet
DS12900 - Rev 1 - September 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
1Mb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
April 2021
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
437Kb / 5P
USB Type-C™ Power Delivery Sink expansion board based on TCPP01-M12 for STM32 Nucleo
March 2021
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
1Mb / 27P
USB Type-C™ protection for source application
17-May-2022
TCPP01-M12 STMICROELECTRONICS-TCPP01-M12 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - TCPP01-M12

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
ON Semiconductor
FSUSB242 ONSEMI-FSUSB242 Datasheet
355Kb / 12P
Type-C USB Port Protection Switch
September, 2018 ??Rev. 1
logo
Maxim Integrated Produc...
MAX20463A MAXIM-MAX20463A Datasheet
125Kb / 2P
Automotive USB Type-A to Type-C Port Converter with Protection
6????0
logo
ON Semiconductor
FSUSB242UCX-Z002 ONSEMI-FSUSB242UCX-Z002 Datasheet
509Kb / 12P
FSUSB242 Type-C USB Port Protection Switch
June, 2022 - Rev. 0
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Rohm
BD91N01NUX ROHM-BD91N01NUX Datasheet
1Mb / 21P
USB Type-C Sink Port Detection and Protection IC
07.Jun.2019 Rev.001
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com