Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESP8089 Datasheet(PDF) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Datasheet(HTML) 4 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP8089 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
"
1. Overview
1.
Overview
The ESP8089 offers a complete and self-contained Wi-Fi networking solution. When
serving as a Wi-Fi adapter, ESP8089 can work with any microcontroller-based systems to
achieve wireless connectivity through the SPI/SDIO interface.
ESP8089 allows direct connection to cellular baseband and application processors via SPI/
SDIO or memory-mapped parallel interfaces. Its built-in processing and storage capabilities
allow it to integrate with the host platform, with minimal development upfront and loading
during runtime. ESP8089 is highly-integrated, including the antenna switch balun and
power management converters, reducing the external circuitries. The entire solution,
including the front-end module, requires minimal PCB area.
The ESP8090-based systems have the following advanced features:
•
fast sleep/wake context switching for energy-efficient VoIP,
•
adaptive radio biasing for low-power operation,
•
advanced signal processing, and
•
spur cancellation and radio co-existence features for cellular/Bluetooth/802.11
interference mitigation.
1.1. Features
ESP8089 has the following features:
•
802.11 b/g/n
•
Wi-Fi Direct (P2P), Miracast, SoftAP
•
Integrated TR switch, balun, LNA, power amplifier and matching network
•
Integrated PLL, regulators, and power management units
•
+19 dBm output power in 802.11 b mode
•
Power down leakage current of < 10 μA
•
SDIO 2.0, SPI, UART
•
STBC, 1×1 MIMO, 2×1 MIMO
•
A-MPDU & A-MSDU aggregation & 0.4 μs guard interval
•
Wake up and transmit packets in < 22 ms
•
Standby power consumption of < 1.0 mW (DTIM3)
1.2. Applications
ESP8089 is ideally designed for the following applications:
•
Cellphone
•
Portable Media Player (PMP) such as MP3 or MP4 players
Espressif
" /"
1 17
2017.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com