Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCB1340-201 Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # HCB1340-201
Description  HCB1340 Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

HCB1340-201 Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  HCB1340-201 Datasheet HTML 1Page - Cyntec Co., Ltd. HCB1340-201 Datasheet HTML 2Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CYNTEC CO., LTD.
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
乾坤科技股份有限公司
May, 2015
DOCUMENT
: HCB1340-000
REVISION
: A0
PAGE
: 1 OF 2
Cyntec P/N : HCB1340 Series
Mechanical Dimensions
Electrical Characteristics
Part Number
L0
Inductance
( nH )
@ (0A)
Li
(nH)
DCR
( mΩ)
Heat Rating Current
DC Amps. Idc ( A )
Saturation Current
DC Amps. Isat ( A )
HCB1340-151
150
96
0.25
± 10%
45
46
HCB1340-201
200
128
35
*: Inductance Tolerance ± 20%
Note 1.
: All test data is referenced to 25 ambient.
℃
Note 2.
: Test Condition:100KHz, 1.0Vrms
Note 3.
: Isat is the DC current which cause the inductance drop not lower than Li.
Note 4.
: Idc is the DC current which cause the surface temperature of the part increase approximately 40 ℃.
Note 5.
: Operating temperature: -40℃ to 125℃ (Self-temperature rise included).
Note 6.
: The rated current as listed is either the saturation current or the heating current depending on which value
is lower.
Dimensions (Unit : mm)
A
13.0 MAX
B
7.0 MAX
C
4.0 MAX
D
3.5
E
2.5
F
4.0
G
7.3
H
13.3


Similar Part No. - HCB1340-201

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
HCB1340-201 DELTA-HCB1340-201 Datasheet
53Kb / 1P
Mechanical dimensions
More results

Similar Description - HCB1340-201

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com