Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB16PF06L Datasheet(PDF) 2 Page - STMicroelectronics

Part # STB16PF06L
Description  P-CHANNEL 60V - 0.11ohm - 16A D2PAK STripFET MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB16PF06L Datasheet(HTML) 2 Page - STMicroelectronics

  STB16PF06L Datasheet HTML 1Page - STMicroelectronics STB16PF06L Datasheet HTML 2Page - STMicroelectronics STB16PF06L Datasheet HTML 3Page - STMicroelectronics STB16PF06L Datasheet HTML 4Page - STMicroelectronics STB16PF06L Datasheet HTML 5Page - STMicroelectronics STB16PF06L Datasheet HTML 6Page - STMicroelectronics STB16PF06L Datasheet HTML 7Page - STMicroelectronics STB16PF06L Datasheet HTML 8Page - STMicroelectronics STB16PF06L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
STB16PF06L
2/10
Table 3: Absolute Maximum ratings
( ) Pulse width limited by safe operating area
(1) ISD ≤16A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX.
(2) Starting Tj = 25°C , ID = 8 A , VDD = 30 V
Note:For the P-CHANNEL MOSFET actual polarity of voltages and current has to be reverse
Table 4: Thermal Data
(#) When Mounted on 1 inch2 FR-4 board, 2 oz of Cu
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 5: On/Off
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate-source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
16
A
ID
Drain Current (continuous) at TC = 100°C
11.4
A
IDM ( )
Drain Current (pulsed)
64
A
PTOT
Total Dissipation at TC = 25°C
70
W
Derating Factor
0.4
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
EAS (2)
Single Pulse Avalanche Energy
250
mJ
Tj
Tstg
Operating Junction Temperature
Storage Temperature
- 55 to 175
°C
Rthj-case
Thermal Resistance Junction-case Max
2.14
°C/W
Rthj-PCB(#)
Thermal Resistance Junction-PCB Max
34
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose (1.6 mm frrom case, for 10sec)
300
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown Voltage
ID = 250µA, VGS = 0
60
V
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125 °C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 16V
±100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 100µA
1.5
V
RDS(on)
Static Drain-source On
Resistance
VGS = 10V, ID = 8 A
VGS = 5V, ID = 8 A
0.11
0.130
0.125
0.165
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com