Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754436 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754436
Description  MSTB 2,5/ 2-ST BK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754436 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754436 Datasheet HTML 1Page - PHOENIX CONTACT 1754436 Datasheet HTML 2Page - PHOENIX CONTACT 1754436 Datasheet HTML 3Page - PHOENIX CONTACT 1754436 Datasheet HTML 4Page - PHOENIX CONTACT 1754436 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Jan 28, 2011
Extract from the online
catalog
 
MSTB 2,5/ 2-ST BK
Order No.: 1756256
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1756256
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: black
 
Commercial data
GTIN (EAN)
4
017918
215668
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Certificates / Approvals
Certification
CB, CSA, CUL, UL, VDE-PZI


Similar Part No. - 1754436

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754436 PHOENIX-1754436 Datasheet
144Kb / 5P
MSTB 2,5/ 2-G
1754436 PHOENIX-1754436 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754436 PHOENIX-1754436 Datasheet
172Kb / 6P
MVSTBR 2,5/ 2-ST
1754436 PHOENIX-1754436 Datasheet
151Kb / 6P
MVSTBW 2,5/ 2-ST
More results

Similar Description - 1754436

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1758856 PHOENIX-1758856 Datasheet
96Kb / 2P
MSTB 2,5/ 2-ST-5,08 BK
1756272 PHOENIX-1756272 Datasheet
109Kb / 5P
MSTB 2,5/ 3-ST BK
1756353 PHOENIX-1756353 Datasheet
96Kb / 2P
MSTB 2,5/ 7-ST BK
1756379 PHOENIX-1756379 Datasheet
96Kb / 2P
MSTB 2,5/ 8-ST BK
1756612 PHOENIX-1756612 Datasheet
96Kb / 2P
MSTB 2,5/20-ST BK
1756418 PHOENIX-1756418 Datasheet
96Kb / 2P
MSTB 2,5/10-ST BK
1756531 PHOENIX-1756531 Datasheet
96Kb / 2P
MSTB 2,5/16-ST BK
1814003 PHOENIX-1814003 Datasheet
45Kb / 2P
MSTB 2,5 HC/ 2-ST-5,08 BK
1921625 PHOENIX-1921625 Datasheet
97Kb / 2P
FRONT-MSTB 2,5/ 2-ST-5,08 BK
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com