Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1754436 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1754436
Description  MSTB 2,5/ 2-ST BK
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754436 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1754436 Datasheet HTML 1Page - PHOENIX CONTACT 1754436 Datasheet HTML 2Page - PHOENIX CONTACT 1754436 Datasheet HTML 3Page - PHOENIX CONTACT 1754436 Datasheet HTML 4Page - PHOENIX CONTACT 1754436 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSTB 2,5/ 2-ST BK Order No.: 1756256
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1756256
PHOENIX CONTACT Inc., USA
Page 2 / 5
http://www.phoenixcon.com
Jan 28, 2011
Accessories
Item
Designation
Description
General
1733169
EBP 2- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 2
1803934
KGG-MSTB 2,5/ 2
Cable housing, Pitch: 0 mm, Number of positions: 2, Dimension a:
10 mm, Color: green
1961999
KGG-MSTB 2,5/ 2 BK
Cable housing, Pitch: 0 mm, Number of positions: 2, Dimension a:
10 mm, Color: black
Marking
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
Additional products
Item
Designation
Description
General
1899841
EMSTBA 2,5/ 2-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1914852
EMSTBVA 2,5/ 2-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1762046
MDSTB 2,5/ 2-G
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 2, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering, Can be aligned! Mounting flange: Order
no. 1736771, 1736768. In combination with MVSTB or FKCV
plugs, both an MVSTBW (or FKCVW) and an MVSTBR plug (or
FKCVR) must be used. Combination with TMSTBP plugs is not
possible!



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com