Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA02E/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # 24AA02E/SN
Description  2K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02E/SN Datasheet(HTML) 4 Page - Microchip Technology

  24AA02E/SN Datasheet HTML 1Page - Microchip Technology 24AA02E/SN Datasheet HTML 2Page - Microchip Technology 24AA02E/SN Datasheet HTML 3Page - Microchip Technology 24AA02E/SN Datasheet HTML 4Page - Microchip Technology 24AA02E/SN Datasheet HTML 5Page - Microchip Technology 24AA02E/SN Datasheet HTML 6Page - Microchip Technology 24AA02E/SN Datasheet HTML 7Page - Microchip Technology 24AA02E/SN Datasheet HTML 8Page - Microchip Technology 24AA02E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
24AA02/24LC02B
DS21709C-page 4
 2003 Microchip Technology Inc.
FIGURE 1-1:
BUS TIMING DATA
FIGURE 1-2:
BUS TIMING START/STOP
7
5
2
4
8
9
10
12
11
14
6
SCL
SDA
IN
SDA
OUT
3
7
6
D4
10
Start
Stop
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com