Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24AA02E/SN Datasheet(PDF) 2 Page - Microchip Technology

Part # 24AA02E/SN
Description  2K I2C Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA02E/SN Datasheet(HTML) 2 Page - Microchip Technology

  24AA02E/SN Datasheet HTML 1Page - Microchip Technology 24AA02E/SN Datasheet HTML 2Page - Microchip Technology 24AA02E/SN Datasheet HTML 3Page - Microchip Technology 24AA02E/SN Datasheet HTML 4Page - Microchip Technology 24AA02E/SN Datasheet HTML 5Page - Microchip Technology 24AA02E/SN Datasheet HTML 6Page - Microchip Technology 24AA02E/SN Datasheet HTML 7Page - Microchip Technology 24AA02E/SN Datasheet HTML 8Page - Microchip Technology 24AA02E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
24AA02/24LC02B
DS21709C-page 2
 2003 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied ................................................................................................-65°C to +125°C
ESD protection on all pins
......................................................................................................................................................≥ 4kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
VCC = +1.8V to +5.5V
Industrial (I):
TA = -40°C to +85°C
Automotive (E):
TA = -40°C to +125°C
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
D1
VIH
WP, SCL and SDA pins
—
——
—
—
D2
—
High-level input voltage
0.7 VCC
——
V
—
D3
VIL
Low-level input voltage
—
—
0.3 VCC
V—
D4
VHYS
Hysteresis of Schmitt
Trigger inputs
0.05 VCC
——
V
(Note)
D5
VOL
Low-level output voltage
—
—
0.40
V
IOL = 3.0 mA, VCC = 2.5V
D6
ILI
Input leakage current
——
±1
µAVIN = .1V to VCC
D7
ILO
Output leakage current
——
±1
µAVOUT = .1V to VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note)
TA = 25°C, FCLK = 1 MHz
D9
ICC write
Operating current
—0.1
3
mA
VCC = 5.5V, SCL = 400 kHz
D10
ICC read
—
0.05
1
mA
—
D11
ICCS
Standby current
—
—
0.01
—
1
5
µΑ
µΑ
Industrial
Automotive
SDA = SCL = VCC
WP = VSS
Note:
This parameter is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com