Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX12DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPX12DP
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX12DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPX12DP Datasheet HTML 2Page - NXP Semiconductors MPX12DP Datasheet HTML 3Page - NXP Semiconductors MPX12DP Datasheet HTML 4Page - NXP Semiconductors MPX12DP Datasheet HTML 5Page - NXP Semiconductors MPX12DP Datasheet HTML 6Page - NXP Semiconductors MPX12DP Datasheet HTML 7Page - NXP Semiconductors MPX12DP Datasheet HTML 8Page - NXP Semiconductors MPX12DP Datasheet HTML 9Page - NXP Semiconductors MPX12DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MPX12
Sensors
6
Freescale Semiconductor
Pressure
Figure 4. Cross-Sectional Diagram (not to scale)
Figure 4 illustrates the differential/gauge die. A gel isolates
the die surface and wire bonds from the environment, while
allowing the pressure signal to be transmitted to the silicon
diaphragm.
Operating characteristics, internal reliability and
qualification tests are based on use of dry clean air as the
pressure media. Media other than dry clean air may have
adverse effects on sensor performance and long term
reliability. Contact the factory for information regarding media
compatibility in your application.
PRESSURE (P1)/VACUUM (P2) SIDE IDENTIFICATION TABLE
Freescale designates the two sides of the pressure sensor
as the Pressure (P1) side and the Vacuum (P2) side. The
Pressure (P1) side is the side containing gel which isolates
the die from the environment. Freescale’s MPx12 series is
designed to operate with positive differential pressure
applied, P1 > P2.
The Pressure (P1) side may be identified by using the
following table
Gel Die Coat
Wire Bond
Die
P1
Stainless
Steel Cap
Thermoplastic
Case
Die Bond
Differential Sensing
Element
P2
Lead Frame
Part Number
Case Type
Pressure (P1) Side
Identifier
MPX12D
344
Stainless Steel Cap
MPX12DP
344C
Side with Part Marking
MPX12GP
344B
Side with Port Attached
MPXV12DP
1351
Side with Part Marking
MPXV12GP
1369
Side with Port
MPXV12GW6U
1735
Side with Port
MPXV12GW7U
1560
Side with Port
MPXM12GS/GST1
1320A
Side with Port Attached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com