Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPX12DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX12DP
Description  10 kPa Uncompensated Silicon Pressure Sensors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX12DP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX12DP Datasheet HTML 1Page - NXP Semiconductors MPX12DP Datasheet HTML 2Page - NXP Semiconductors MPX12DP Datasheet HTML 3Page - NXP Semiconductors MPX12DP Datasheet HTML 4Page - NXP Semiconductors MPX12DP Datasheet HTML 5Page - NXP Semiconductors MPX12DP Datasheet HTML 6Page - NXP Semiconductors MPX12DP Datasheet HTML 7Page - NXP Semiconductors MPX12DP Datasheet HTML 8Page - NXP Semiconductors MPX12DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MPX12
Rev 11, 07/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2007-2009. All rights reserved.
Pressure
10 kPa Uncompensated
Silicon Pressure Sensors
The MPX12 series silicon piezoresistive pressure sensors provide a very
accurate and linear voltage output, directly proportional to the applied
pressure. This standard, low cost, uncompensated sensor permits
manufacturers to design and add their own external temperature
compensating and signal conditioning networks. Compensation techniques
are simplified because of the predictability of Freescale's single element
strain gauge design.
Features
• Low Cost
• Patented Silicon Shear Stress Strain Gauge Design
• Ratiometric to Supply Voltage
• Easy to Use Chip Carrier Package Options
• Gauge Options
• Durable Epoxy Package
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device
Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX12 Series)
MPX12D
Tray
344
•
•
MPX12D
MPX12DP
Tray
344C
•
•
MPX12DP
MPX12GP
Tray
344B
•
•
MPX12GP
Small Outline Package (MPXV12 Series)
MPXV12DP
Tray
1351
•
•
MPXV12DP
MPXV12GP
Tray
1369
•
•
MPXV12GP
MPXV12GW6U
Rail
1735
•
•
MPXV12GW
MPXV12GW7U
Rail
1560
•
•
MPXV12GW
MPAK Package (MPXM12 Series)
MPXM12GS
Rail
1320A
•
•
MPXM12GS
MPXM12GST1
Tape & Reel
1320A
•
•
MPXM12GS
MPX12
0 to 10 kPa (0 to 1.45 psi)
55 mV Full Scale Span
(Typical)
Series
Application Examples
• Air Movement Control
• Environmental Control Systems
• Level Indicators
• Leak Detection
• Medical Instrumentation
• Industrial Controls
• Pneumatic Control Systems
• Robotics


Similar Part No. - MPX12DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX12DP MOTOROLA-MPX12DP Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12DP MOTOROLA-MPX12DP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX12DP FREESCALE-MPX12DP Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12DP FREESCALE-MPX12DP Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
More results

Similar Description - MPX12DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX53 MOTOROLA-MPX53 Datasheet
150Kb / 8P
50 KPA UNCOMPENSATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPVZ12 FREESCALE-MPVZ12 Datasheet
236Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPVZ12 FREESCALE-MPVZ12_07 Datasheet
324Kb / 13P
10 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10 Datasheet
228Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12 Datasheet
190Kb / 8P
10 kPa Uncompensated Silicon Pressure Sensors
MPX53 FREESCALE-MPX53 Datasheet
221Kb / 9P
50 kPa Uncompensated Silicon Pressure Sensors
MPX10 FREESCALE-MPX10_08 Datasheet
129Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
MPX12 FREESCALE-MPX12_08 Datasheet
237Kb / 14P
10 kPa Uncompensated Silicon Pressure Sensors
MPXM12GS FREESCALE-MPXM12GS Datasheet
376Kb / 20P
10 kPa Uncompensated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX10 NXP-MPX10 Datasheet
170Kb / 9P
10 kPa Uncompensated Silicon Pressure Sensors
Rev 14, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com