Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5014D Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE5014D
Description  Giant Magneto Resistance (GMR)-based principle
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014D Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE5014D Datasheet HTML 1Page - Infineon Technologies AG TLE5014D Datasheet HTML 2Page - Infineon Technologies AG TLE5014D Datasheet HTML 3Page - Infineon Technologies AG TLE5014D Datasheet HTML 4Page - Infineon Technologies AG TLE5014D Datasheet HTML 5Page - Infineon Technologies AG TLE5014D Datasheet HTML 6Page - Infineon Technologies AG TLE5014D Datasheet HTML 7Page - Infineon Technologies AG TLE5014D Datasheet HTML 8Page - Infineon Technologies AG TLE5014D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Final Datasheet
5
Rev. 1.0
2018-04-04
TLE5014D
Absolute Maximum Ratings
3
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability. Maximum
ratings are absolute ratings; exceeding only one of these values may cause irreversible damage to
the device.
Table 3-1
ESD protection
Parameter
Symbol
Values
Unit
Notes
Min.
Max.
Electro-Static-Discharge
voltage (HBM), according
to
ANSI/ESDA/JEDEC JS-001
VHBM
±4.0 kV
HBM contact discharge
for pins VDD, GND, IFB;
ground pins connected
VHBM
±2.0 kV
HBM contact discharge
for all pins,
ground pins not connected
Electro-Static-Discharge
voltage (CDM), according
to JESD22-C101
VCDM
±0.5 kV
for all pins except corner pins
±0.75 kV
for corner pins only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com