Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE5014D Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE5014D
Description  Giant Magneto Resistance (GMR)-based principle
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5014D Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE5014D Datasheet HTML 3Page - Infineon Technologies AG TLE5014D Datasheet HTML 4Page - Infineon Technologies AG TLE5014D Datasheet HTML 5Page - Infineon Technologies AG TLE5014D Datasheet HTML 6Page - Infineon Technologies AG TLE5014D Datasheet HTML 7Page - Infineon Technologies AG TLE5014D Datasheet HTML 8Page - Infineon Technologies AG TLE5014D Datasheet HTML 9Page - Infineon Technologies AG TLE5014D Datasheet HTML 10Page - Infineon Technologies AG TLE5014D Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Final Datasheet
7
Rev. 1.0
2018-04-04
TLE5014D
Pre-Configured Derivatives
• SENT Error Indication: enable (data range: 1 ... 4088 , error code: 4091) / disable (data range: 0 ... 4095, no
error code)
4.3
TLE5014P16D
The sensor has PWM as predefined interface which is locked and cannot be changed.
• To be compliant with the existing safety analysis no change of above parameters is allowed unless
authorized by Infineon
Table 4-5
PWM Derivative Configuration TLE5014P16D
Interface
PWM Frequency
PWM Data Range
PWM Fault
indication
PWM BIST Error or
Reset Indication
PWM
200Hz
12.5% ... 87.5%
5%
95%
Table 4-6
PWM Derivative Configuration TLE5014P16D
PWM Starting Level
Look-up Table
Output driver
high (rising edge)
enabled, preconfigured
push/pull



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com