Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C286/883 Datasheet(PDF) 11 Page - Intersil Corporation

Part # 80C286/883
Description  High Performance Microprocessor with Memory Management and Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C286/883 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button 80C286/883 Datasheet HTML 5Page - Intersil Corporation 80C286/883 Datasheet HTML 6Page - Intersil Corporation 80C286/883 Datasheet HTML 7Page - Intersil Corporation 80C286/883 Datasheet HTML 8Page - Intersil Corporation 80C286/883 Datasheet HTML 9Page - Intersil Corporation 80C286/883 Datasheet HTML 10Page - Intersil Corporation 80C286/883 Datasheet HTML 11Page - Intersil Corporation 80C286/883 Datasheet HTML 12Page - Intersil Corporation 80C286/883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
138
80C286/883
NOTES:
1. These signals may not be driven by the 80C286/883 during the time shown. The worst case in terms of latest float time is shown.
2. The data bus will be driven as shown if the last cycle before TI in the diagram was a write TC.
3. The 80C286/883 puts its status pins in a high impedance logic one state during TH.
4. For HOLD request set up to HLDA, refer to Figure 8.
5. BHE and LOCK are driven at this time but will not become valid until TS.
6. The data bus will remain in a high impedance state if a read cycle is performed.
FIGURE 5. EXITING AND ENTERING HOLD
Waveforms (Continued)
16
φ2
φ1
φ2
φ1
φ2
φ1
φ2
φ1
TH
TI
TH
TH OR TI
BUS CYCLE TYPE
VCH
CLK
HILDA
VCL
16
(SEE NOTE 4)
12A (NOTE 3)
15
(SEE NOTE 3)
12B
15
IF TS
S1 • S0
PEACK
BHE, LOCK
A23 - A0,
M/IO,
COD/INTA
(SEE NOTE 5)
13
(SEE NOTE 1)
15
VALID
14
(SEE NOTE 6)
(SEE NOTE 2)
15
VALID IF WRITE
D15 - D0
PCLK
IF NPX TRANSFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com