Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80C286/883 Datasheet(PDF) 12 Page - Intersil Corporation

Part # 80C286/883
Description  High Performance Microprocessor with Memory Management and Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C286/883 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button 80C286/883 Datasheet HTML 5Page - Intersil Corporation 80C286/883 Datasheet HTML 6Page - Intersil Corporation 80C286/883 Datasheet HTML 7Page - Intersil Corporation 80C286/883 Datasheet HTML 8Page - Intersil Corporation 80C286/883 Datasheet HTML 9Page - Intersil Corporation 80C286/883 Datasheet HTML 10Page - Intersil Corporation 80C286/883 Datasheet HTML 11Page - Intersil Corporation 80C286/883 Datasheet HTML 12Page - Intersil Corporation 80C286/883 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
139
80C286/883
NOTES:
1. PEACK always goes active during the first bus operation of a processor extension data operand transfer sequence. The first bus operation
will be either a memory read at operand address or I/O read at port address 00FA(H).
2. To prevent a second processor extension data operand transfer, the worst case maximum time (shown above) is 3 x
- 12AMAX -(4)MIN
The actual, configuration dependent, maximum time is: 3 x
- 12AMAX -
(4)
MIN +N x 2 x
(1). N is the number of extra T
C states added
to either the first or second bus operation of the processor extension data operand transfer sequence.
FIGURE 6. 80C286/883 PEREQ/PEACK TIMING FOR ONE TRANSFER ONLY
NOTES:
1. Setup time for RESET
↑ may be violated with the consideration that φ1 of the processor clock may begin one system CLK period later.
2. Setup and hold times for RESET
↓ must be met for proper operation, but RESET ↓ may occur during φ1 or φ2.
3. The data bus is only guaranteed to be in a high impedance state at the time shown.
FIGURE 7. INITIAL 80C286/883 PIN STATE DURING RESET
Waveforms (Continued)
1
12A
φ2
CLK
φ1
φ2
φ2
φ1
φ2
φ1
φ1
φ2
TI
TS
TC
TS
TC
TI
VCH
VCL
CLK
S1 • S0
PEACK
M/IO,
A23 -A0
COD INTA
PEREQ
MEMORY ADDRESS IF PROC. EXT. TO MEMORY TRANSFER I/O
PORT ADDRESS 00FA(H) IF MEMORY TO PROC. EXT. TRANSFER
12B
5
4
I/O PORT ADDRESS 00FA(H) IF PROC. EXT. TO MEMORY TRANSFER
MEMORY ADDRESS IF MEMORY TO PROC. EXT. TRANSFER
BUS CYCLE TYPE
(SEE NOTE 1)
(SEE NOTE 2)
I/0 READ IF PROC. EXT. TO MEMORY
MEMORY READ IF MEMORY TO PROC. EXT
MEMORY WRITE IF PROC. EXT. TO MEMORY
I/O WRITE IF MEMORY TO PROC. EXT.
1
1
12B
TX
S1 • S0
BUS CYCLE TYPE
φ2
φ2
φ2
φ2
φ2
φ1
φ1
φ1
φ1
TX
TX
TI
CLK
VCH
VCL
6
7
6
(SEE NOTE 1)
PEACK
A23 - A0
BHE
M/IO
COD/INTA
AT LEAST
16 CLK PERIODS
UNKNOWN
UNKNOWN
UNKNOWN
UNKNOWN
UNKNOWN
13
13
13
15
(SEE NOTE 3)
LOCK
DATA
HILDA
16
(SEE NOTE 2)
RESET
(SEE NOTE 5)
TH
φ2
φ1
TH
φ2
φ1
TH
φ2
φ1
BUS HOLD ACKNOWLEDGE
TS
φ2
φ1
TC
φ2
φ1
TC
φ2
φ1
TC
φ2
φ1
TI
φ2
φ1
TH
φ2
φ1
BUS HOLD
ACKNOWLEDGE
WRITE CYCLE
BUS CYCLE TYPE
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com