Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP2010LCFQJ Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2010LCFQJ
Description  DLP2010LC .2 WVGA DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010LCFQJ Datasheet(HTML) 22 Page - Texas Instruments

Back Button DLP2010LCFQJ Datasheet HTML 18Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 19Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 20Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 21Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 22Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 23Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 24Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 25Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
22
DLP2010LC
DLPS180 – MAY 2020
www.ti.com
Product Folder Links: DLP2010LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Power Interface
The power management component DLPA200x/DLPA3000, contains three 3 regulated DC supplies for the DMD
reset circuitry: VBIAS, VRESET and VOFFSET, as well as the two regulated DC supplies for the DLPC3470
controller.
7.3.2 Low-Speed Interface
The low speed interface handles instructions that configure the DMD and control reset operation. LS_CLK is the
low–speed clock, and LS_WDATA is the low speed data input.
7.3.3 High-Speed Interface
The purpose of the high-speed interface is to transfer pixel data rapidly and efficiently, making use of high speed
DDR transfer and compression techniques to save power and time. The high-speed interface uses differential
SubLVDS receivers for inputs, with a dedicated clock.
7.3.4 Timing
The data sheet provides timing test results at the device pin. For output timing analysis, the tester pin electronics
and its transmission line effects must be considered. Figure 14 shows an equivalent test load circuit for the
output under test. Timing reference loads are not intended as a precise representation of any particular system
environment or depiction of the actual load presented by a production test. TI recommends that system
designers use IBIS or other simulation tools to correlate the timing reference load to a system environment. The
load capacitance value stated is intended for characterization and measurement of AC timing signals only. This
load capacitance value does not indicate the maximum load the device is capable of driving.
7.4 Device Functional Modes
DMD functional modes are controlled by the DLPC3470 controller. See the DLPC3470 controller data sheet or
contact a TI applications engineer.
7.5 Optical Interface and System Image Quality Considerations
NOTE
TI assumes no responsibility for image quality artifacts or DMD failures caused by optical
system operating conditions exceeding limits described previously.
7.5.1 Optical Interface and System Image Quality
TI assumes no responsibility for end-equipment optical performance. Achieving the desired end-equipment
optical performance involves making trade-offs between numerous component and system design parameters.
Optimizing system optical performance and image quality strongly relate to optical system design parameter
trades. Although it is not possible to anticipate every conceivable application, projector image quality and optical
performance is contingent on compliance to the optical system operating conditions described in the following
sections.
7.5.1.1 Numerical Aperture and Stray Light Control
The angle defined by the numerical aperture of the illumination and projection optics at the DMD optical area is
typically the same. Ensure this angle does not exceed the nominal device micromirror tilt angle unless
appropriate apertures are added in the illumination or projection pupils to block out flat-state and stray light from
the projection lens. The micromirror tilt angle defines DMD capability to separate the "ON" optical path from any
other light path, including undesirable flat–state specular reflections from the DMD window, DMD border
structures, or other system surfaces near the DMD such as prism or lens surfaces. If the numerical aperture
exceeds the micromirror tilt angle, or if the projection numerical aperture angle is more than two degrees larger
than the illumination numerical aperture angle (and vice versa), contrast degradation and objectionable artifacts
in the display border and/or active area may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com