Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP2010LCFQJ Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # DLP2010LCFQJ
Description  DLP2010LC .2 WVGA DMD
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP2010LCFQJ Datasheet(HTML) 30 Page - Texas Instruments

Back Button DLP2010LCFQJ Datasheet HTML 26Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 27Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 28Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 29Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 30Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 31Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 32Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 33Page - Texas Instruments DLP2010LCFQJ Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Current (mA)
0
100
200
300
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D001
30
DLP2010LC
DLPS180 – MAY 2020
www.ti.com
Product Folder Links: DLP2010LC
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
8.2.1 Design Requirements
In addition to the three DLP devices in the chipset, other IC components may be needed. At a minimum, this
design requires a flash device to store the software and firmware to control the DLPC3470 .
Red, green, and blue LEDs typically supply the illumination light that is applied to the DMD. These LEDs are
often contained in three separate packages, but sometimes more than one color of LED die may be in the same
package to reduce the overall size of the pico-projector.
A parallel interface connects the DLPC3470 to the host processing for receiving images. When the parallel
interface is used, use an I2C interface to the host processor for sending commands to the DLPC3470.
The battery (SYSPWR) and a regulated 1.8-V supply are the only power supplies needed external to the
projector in case of DLPA200x. The DLPA3000 supplies the 1.8V without external regulator.
8.2.2 Detailed Design Procedure
For connecting together the DLPC3470 , the DLPA200x/DLPA3000, and the DMD, see the reference design
schematic. When a circuit board layout is created from this schematic a very small circuit board is possible. An
example small board layout is included in the reference design data base. Layout guidelines should be followed
to achieve a reliable projector.
The optical engine that has the LED packages and the DMD mounted to it is typically supplied by an optical
OEM who specializes in designing optics for DLP projectors.
A miniature stepper motor can optionally be added to the optical engine for creating a motorized focus. Direct
control and driving of the motor can be done by the DLPA200x/DLPA3000, and software commands sent over
I2C to the DLPC3470 are available to move the motor to the desired position.
8.2.3 Application Curve
This device drives current time-sequentially though the LEDs. As the LED currents through the red, green, and
blue LEDs increases, the brightness of the projector increases. This increase is somewhat non-linear, and the
curve for typical white screen lumens changes with LED currents as shown in Figure 22. For the LED currents
shown, assumed that the same current amplitude is applied to the red, green, and blue.
SPACE
ILED(red) = ILED(green) = ILED(blue)
Figure 22. Luminance vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com