Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP5063 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP5063
Description  Power Control IC Single Chip Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5063 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP5063 Datasheet HTML 1Page - Intersil Corporation HIP5063 Datasheet HTML 2Page - Intersil Corporation HIP5063 Datasheet HTML 3Page - Intersil Corporation HIP5063 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
HIP5063
Power Control IC Single Chip Power
Supply
The HIP5063 is a complete power control IC, incorporating
both the high power DMOS transistor, CMOS logic and low
level analog circuitry on the same Intelligent Power IC.
This IC allows the user maximum flexibility in implementing
high frequency current controlled power supplies and other
power sources.
Special power transistor current sensing circuitry is
incorporated that minimizes losses due to the monitoring
circuitry. Over-temperature detection circuitry is incorporated
within the IC to monitor the chip temperature.
As a result of the power DMOS transistor’s current and
voltage capability (10A and 60V), power supplies with output
power capability up to 100 watts are possible.
Features
• Single Chip Current Mode Control IC
• 60V, 10A On-chip DMOS Transistor
• Thermal Protection
• 1MHz Operation - External Clock
• Output Rise and Fall Times ~ 3ns
• Simple Implementation of High-Speed Current Mode Con-
trolled Regulators and Power Amplifiers
• Designed for 10V to 45V Operation
Applications
• Single Chip Power Supplies
• Current Mode PWM Applications
• Distributed Power Supplies
• Multiple Output Converters
• Wideband Power Amplifiers for Motor
Control
Chip
Ordering Information
PART NUMBER
TEMPERATURE RANGE
PACKAGE
HIP5063DY
0oC to +85oC21 Pad Chip
HIP5063DW
0oC to +85oC
Wafer
NOTE: Unused pads are for trim and test.
122 mils x 126 mils (3.1mm x 3.2mm)
(12) VDDP
VDDP (21)
August 1998
File Number 3209.2
OB
SOL
ETE
PRO
DUC
T
No
Rec
omm
end
ed R
epla
cem
ent


Similar Part No. - HIP5063

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DW INTERSIL-HIP5060DW Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DY INTERSIL-HIP5060DY Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
HIP5061DS INTERSIL-HIP5061DS Datasheet
158Kb / 20P
7A, High Efficiency Current Mode Controlled PWM Regulator
1994 04
More results

Similar Description - HIP5063

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA5502 FUJI-FA5502 Datasheet
215Kb / 23P
POWER SUPPLY CONTROL IC
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5062 INTERSIL-HIP5062 Datasheet
655Kb / 7P
Power Control IC Single Chip Dual Switching Power Supply
August 1998
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
Switching Power Supply Control IC
FA5590 FUJI-FA5590 Datasheet
578Kb / 21P
FUJI Power Supply Control IC
FA5604 FUJI-FA5604 Datasheet
718Kb / 31P
FUJI Power Supply Control IC
FA5612 FUJI-FA5612 Datasheet
726Kb / 30P
FUJI Power Supply Control IC
FA7700V FUJI-FA7700V Datasheet
278Kb / 19P
FUJI Power Supply Control IC
FA7703 FUJI-FA7703 Datasheet
303Kb / 21P
FUJI Power Supply Control IC
FA7764 FUJI-FA7764 Datasheet
356Kb / 18P
FUJI Power Supply Control IC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com