Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1101 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 37Page - Texas Instruments TMCS1101 Datasheet HTML 38Page - Texas Instruments TMCS1101 Datasheet HTML 39Page - Texas Instruments TMCS1101 Datasheet HTML 40Page - Texas Instruments TMCS1101 Datasheet HTML 41Page - Texas Instruments TMCS1101 Datasheet HTML 42Page - Texas Instruments TMCS1101 Datasheet HTML 43Page - Texas Instruments TMCS1101 Datasheet HTML 44Page - Texas Instruments TMCS1101 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
13-Jun-2020
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
TMCS1101A3UQDR
PREVIEW
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
M01A3U
TMCS1101A3UQDT
PREVIEW
SOIC
D
8
250
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
M01A3U
TMCS1101A4BQDR
ACTIVE
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
M01A4B
TMCS1101A4BQDT
ACTIVE
SOIC
D
8
250
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
M01A4B
TMCS1101A4UQDR
PREVIEW
SOIC
D
8
2500
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
M01A4U
TMCS1101A4UQDT
PREVIEW
SOIC
D
8
250
Green (RoHS
& no Sb/Br)
SN
Level-2-260C-1 YEAR
-40 to 125
M01A4U
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com