Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMCS1101 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1101
Description  TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1101 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMCS1101 Datasheet HTML 6Page - Texas Instruments TMCS1101 Datasheet HTML 7Page - Texas Instruments TMCS1101 Datasheet HTML 8Page - Texas Instruments TMCS1101 Datasheet HTML 9Page - Texas Instruments TMCS1101 Datasheet HTML 10Page - Texas Instruments TMCS1101 Datasheet HTML 11Page - Texas Instruments TMCS1101 Datasheet HTML 12Page - Texas Instruments TMCS1101 Datasheet HTML 13Page - Texas Instruments TMCS1101 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
TMCS1101
SBOS825A – SEPTEMBER 2019 – REVISED MAY 2020
www.ti.com
Product Folder Links: TMCS1101
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 5 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(6)
Refer to the Transient Response section for details of frequency and transient response of the device.
Swing to GND
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
VGND + 5
VGND + 10
mV
FREQUENCY RESPONSE
BW
Bandwidth(6)
–3-dB Bandwidth
80
kHz
SR
Slew rate(6)
Slew rate of output amplifier during single
transient step.
1.5
V/µs
tr
Response time(6)
Time between the input current step reaching
90% of final value to the sensor output
reaching 90% of its final value, for a 1V output
transition.
6.5
µs
tp
Propagation delay(6)
Time between the input current step reaching
10% of final value to the sensor output
reaching 10% of its final value, for a 1V output
transition.
4
µs
tr,SC
Current overload response time(6)
Time between the input current step reaching
90% of final value to the sensor output
reaching 90% of its final value. Input current
step amplitude is twice full scale output range.
5
µs
tp,SC
Current overload propagation delay(6)
Time between the input current step reaching
10% of final value to the sensor output
reaching 10% of its final value. Input current
step amplitude is twice full scale output range.
3
µs
Current overload recovery time
Time from end of current causing output
saturation condition to valid output
15
µs
POWER SUPPLY
IQ
Quiescent current
TA = 25ºC
4.5
5.5
mA
TA = –40ºC to +125ºC
6
mA
Power on time
Time from VS > 3 V to valid output
25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com