Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8610 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP8610
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8610 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP8610 Datasheet HTML 3Page - Sipex Corporation SP8610 Datasheet HTML 4Page - Sipex Corporation SP8610 Datasheet HTML 5Page - Sipex Corporation SP8610 Datasheet HTML 6Page - Sipex Corporation SP8610 Datasheet HTML 7Page - Sipex Corporation SP8610 Datasheet HTML 8Page - Sipex Corporation SP8610 Datasheet HTML 9Page - Sipex Corporation SP8610 Datasheet HTML 10Page - Sipex Corporation SP8610 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
86
To avoid introducing distortion, the source resistance
must be very low, or constant with signal level. The
output impedance provided by most op amps is ideal.
Pins 26 Digital Supply Voltage (V
SD) and 27 Analog
Supply Voltage (V
SA) are brought out to separate pins
to maximize accuracy on the chip. They should be
connected together as close as possible to the unit. Pin
27maybeslightlymoresensitivethanpin26tosupply
variations, but to maintain maximum system accu-
racy, both should be well–isolated from digital sup-
plies with wide load variations.
To limit the effects of digital switching elsewhere in a
system on the analog performance of the system, it
often makes sense to run a separate +5V supply
conductor from the supply regulator to any analog
components requiring +5V, including the SP86XX
Series. If the SP86XX Series traces cannot be
separated back to the power supply terminals, and
therefore share the same trace as the logic supply
currents, then a 10 Ohm isolating resistor should be
used between the board supply and pin 24 (V
DA) and
its bypass capacitors to keep V
DA glitch–free. The VS
pins (26 and 27) should be connected together and
bypassed with a parallel combination of a 6.8
µF
Tantalum capacitor and a 0.1
µF ceramic capacitor
located close to the converter to obtain noise-free
operation. (See Figure 1). Noise on the power supply
lines can degrade converter performance, especially
noise and spikes from a switching power supply.
Appropriate supplies or filters must be used.
TheGNDpins(5and16)arealsoseparatedinternally,
and should be directly connected to a ground plane
undertheconverter.Agroundplaneisusuallythebest
solution for preserving dynamic performance and
reducing noise coupling into sensitive converter cir-
cuits. Where any compromises must be made, the
common return of the analog input signal should be
referenced to pin 5, AGND, on the SP86XX Series,
which prevents any voltage drops that might occur in
the power supply common returns from appearing in
series with the input signal.
Couplingbetweenanaloginputanddigitallinesshould
be minimized by careful layout. For instance, if the
lines must cross, they should do so at right angles.
Parallel analog and digital lines should be separated
from each other by a pattern connected to common.
If external full scale and offset potentiometers are
used, the potentiometers and related resistors should
be located as close to the SP86XX Series as possible.
“Hot Socket” Precaution
Two separate +5V V
S pins, 26 and 27, are used to
minimize noise caused by digital transients. If one pin
is powered and the other is not, the SP86XX Series
maydrawexcessivecurrent.Innormaloperation,this
is not a problem because both pins will be soldered
together. However, during evaluation, incoming in-
spection, repair, etc., where the potential of a “Hot
Socket” exists, care should be taken to apply power to
Figure 4. Acquisition and Conversion Timing
R/C
BUSY
Converter
Mode
Acquisition
Conversion
Acquisition
Conversion
tAP
Hold Time
t C
t DBC
tB
SYMBOL/PARAMETER
MIN.
TYP.
MAX.
UNITS
t
DBC
BUSY delay from R/C
80
150
ns
t
B
BUSY Low
2.5
2.7
µs
SP8603
4.5
4.7
µs
SP8605
9.5
9.7
µs
SP8610
t
AP
Aperture Delay
13
ns
∆t
AP
Aperture Jitter
150
ps, rms
t
C
Conversion Time
2.47
2.70
µs
SP8603
4.47
4.70
µs
SP8605
9.47
9.70
µs
SP8610



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com