Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8610 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP8610
Description  12-Bit Sampling A/D Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8610 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP8610 Datasheet HTML 3Page - Sipex Corporation SP8610 Datasheet HTML 4Page - Sipex Corporation SP8610 Datasheet HTML 5Page - Sipex Corporation SP8610 Datasheet HTML 6Page - Sipex Corporation SP8610 Datasheet HTML 7Page - Sipex Corporation SP8610 Datasheet HTML 8Page - Sipex Corporation SP8610 Datasheet HTML 9Page - Sipex Corporation SP8610 Datasheet HTML 10Page - Sipex Corporation SP8610 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
87
R/C
BUSY
Converter
Mode
Data
BUS
Acquire
Convert
Acquire
Convert
Data Valid
Hi-Z State
Hi-Z State
Data Valid
t
W
tDBC
t
B
tDBE
tA
tC
tAP
tHDR and tHL
tDB
Figure 5. Convert Mode Timing — R/C Pulse LOW, Outputs Enabled After Conversion
the SP86XX Series only after it has been socketed.
Minimizing “Glitches”
Coupling of external transients into an analog-to-
digitalconvertercancauseerrorswhicharedifficultto
debug. In addition to the discussions earlier on layout
considerationsforsupplies,bypassingandgrounding,
there are several other useful steps that can be taken to
get the best analog performance out of a system using
the SP86XX Series. These potential system problem
sources are particularly important to consider when
developing a new system, and looking for the causes
of errors in breadboards.
First, care should be taken to avoid glitches during
critical times in the sampling and conversion process.
SincetheSP86XXSerieshasaninternalsample/hold
function, the signal that puts it into the hold state (R/C
going LOW) is critical, as it would be on any sample/
hold amplifier. The R/C falling edge should have a 5
to 10ns transition time, low jitter, and have minimal
ringing, especially during the 20ns after it falls.
Although not normally required, it is also good prac-
tice to avoid glitches from coupling to the SP86XX
Series while bit decisions are being made. Since the
above discussion calls for a fast, clean rise and fall on
R/C
BUSY
Converter
Mode
Data
BUS
Acquire
Convert
Acquire
Convert
Data
Valid
Hi-Z State
Hi-Z State
t
W
tDBC
t
B
tDBE
tA
tC
tAP
tHDR and tHL
tAP
Data
Valid
Hi-Z State
tDD
Figure 6. Read Mode Timing — R/C Pulse HIGH, Outputs Enabled Only When R/C is High



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com